Electronic Components Datasheet Search
  English  ▼

X  

GF1J Datasheet(PDF) 2 Page - ON Semiconductor

Part # GF1J
Description  General Purpose Rectifiers (Glass Passivated)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GF1J Datasheet(HTML) 2 Page - ON Semiconductor

  GF1J Datasheet HTML 1Page - ON Semiconductor GF1J Datasheet HTML 2Page - ON Semiconductor GF1J Datasheet HTML 3Page - ON Semiconductor GF1J Datasheet HTML 4Page - ON Semiconductor GF1J Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GF1A, GF1B, GF1D, GF1G, GF1J, GF1K, GF1M
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
1A
1B
1D
1G
1J
1K
1M
VRRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current, @ TL = 125°C
1.0
A
IFSM
Non−repetitive Peak Forward Surge Current
8.3 ms Single Half−Sine−Wave
30
A
Tstg
Storage Temperature Range
−65 to +175
°C
TJ
Operating Junction Temperature
−65 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
PD
Power Dissipation
1.8
W
RqJA
Thermal Resistance, Junction to Ambient*
80
_C/W
RqJL
Thermal Resistance, Junction to Lead*
26
_C/W
*Device mounted on PCB with 0.2 x 0.2” (5.0 x 5.0 mm) copper pad areas.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Device
Unit
1A
1B
1D
1G
1J
1K
1M
VF
Forward Voltage @ 1.0 A
1.0
1.2
V
trr
Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
2.0
ms
IR
Reverse Current @ Rated VR
TA = 25_C
TA = 125_C
5.0
50.0
mA
mA
CT
Total Capacitance
VR = 4.0 V, f = 1.0 MHz
15
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com