Electronic Components Datasheet Search
  English  ▼

X  

S1MFL Datasheet(PDF) 2 Page - ON Semiconductor

Part # S1MFL
Description  Surface Mount General Purpose Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S1MFL Datasheet(HTML) 2 Page - ON Semiconductor

  S1MFL Datasheet HTML 1Page - ON Semiconductor S1MFL Datasheet HTML 2Page - ON Semiconductor S1MFL Datasheet HTML 3Page - ON Semiconductor S1MFL Datasheet HTML 4Page - ON Semiconductor S1MFL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S1MFL Series, NRVS1MFL Series
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Symbol
Rating
Value
Unit
S1AFL
S1BFL
S1DFL
S1GFL
S1JFL
S1MFL
VRRM
Recurrent Peak Reverse Voltage
50
100
200
400
600
1000
V
VRMS
RMS Voltage
35
70
140
280
420
700
V
VDC
DC Blocking Voltage
50
100
200
400
600
1000
V
IF(AV)
Average Forward Current (Note 1)
1
A
IFSM
Peak One Cycle Forward Current (Non−Repetitive)
at 60Hz
30
A
TJ, TSTG
Operating and Storage Temperature Range
−55 to +175
C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Pulse test: 300 ms pulse width, 1 % duty cycle.
THERMAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Note 2)
Symbol
Characteristic
Value
Unit
YJL
Typical Thermal Characteristics, Junction−to−Lead (Note 3)
25
C/W
RqJA
Typical Thermal Resistance, Junction−to−Ambient
140
C/W
2. Per JESD51−3 recommended thermal test board. Device mounted on FR−4 PCB, board size = 76.2 mm x 114.3 mm.
3. Thermocouple soldered at cathode lead.
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
Forward Voltage
IF = 1 A
−
−
1.1
V
IR
Reverse Current
VR = VDC
TA = 25C
−
−
1
mA
TA = 125C
−
−
50
Trr
Reverse Recovery Time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
−
1.304
2
ms
CJ
Junction Capacitance
VR = 4 V, f = 1.0 MHz
−
4
−
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Part Number
Top Mark
Package
Shipping†
S1AFL, NRVS1AFL*
1A
SOD−123F
(Pb−Free/Halogen Free)
3000 / Tape & Reel
S1BFL, NRVS1BFL*
1B
SOD−123F
(Pb−Free/Halogen Free)
3000 / Tape & Reel
S1DFL, NRVS1DFL*
1D
SOD−123F
(Pb−Free/Halogen Free)
3000 / Tape & Reel
S1GFL, NRVS1GFL*
1G
SOD−123F
(Pb−Free/Halogen Free)
3000 / Tape & Reel
S1JFL, NRVS1JFL*
1J
SOD−123F
(Pb−Free/Halogen Free)
3000 / Tape & Reel
S1MFL, NRVS1MFL*
1M
SOD−123F
(Pb−Free/Halogen Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NRV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com