Electronic Components Datasheet Search
  English  ▼

X  

P3G-08 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P3G-08
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P3G-08 Datasheet(HTML) 3 Page - Omron Electronics LLC

  P3G-08 Datasheet HTML 1Page - Omron Electronics LLC P3G-08 Datasheet HTML 2Page - Omron Electronics LLC P3G-08 Datasheet HTML 3Page - Omron Electronics LLC P3G-08 Datasheet HTML 4Page - Omron Electronics LLC P3G-08 Datasheet HTML 5Page - Omron Electronics LLC P3G-08 Datasheet HTML 6Page - Omron Electronics LLC P3G-08 Datasheet HTML 7Page - Omron Electronics LLC P3G-08 Datasheet HTML 8Page - Omron Electronics LLC P3G-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
240
General-purpose Relays and Power Relays
Sockets
Note:
@-E and @-N Models are of finger-protect construction. Round terminals cannot be used. Use Y-shaped terminals.
Item
PYF
(Track-
mounting)
*see page 250
PY
(back-connecting)
*see page 252
PTF
(Track-
mounting)
*see page 253
PT
(back-connecting)
*see page 255
Screw terminal
Solder
terminal
Wrapping
terminal
PCB
terminal
Screw terminal
Solder
terminal
Wrapping
terminal
PCB terminal
11 pins
14 pins
PYF11A
Approx. 46 g
PY11
Approx. 9 g
PY11-Y1
PY11QN
PY11QN2
PY11QN-Y1
PY11QN2-Y1
PY11-02
PTF11A
Approx. 50 g
PT11
Approx. 13 g
PT11QN
PT11-0
Approx. 12.2 g
PYF14A
Approx. 49 g
PYF14A-E
PYF14T
Approx. 53 g
PYF14A-N
PY14
Approx. 10 g
PY14-Y1
PY14-Y2
PY14QN
PY14QN2
Approx. 14 g
PY14QN-Y1
PY14QN2-Y1
PY14QN-Y2
PY14QN2-Y2
PY14-02
PTF14A
Approx. 60 g
PTF14A-E
PT14
Approx. 17 g
PT14QN
Approx. 20 g
PT14-0
Approx. 16.2 g
Item
P7LF
(Track-mounting)
*see page 256
Screw terminal
6 pins
P7LF-06
Approx. 60 g
Item
P7S
*see page 257
Screw terminal
(Track-mounting)
Solder terminal
PCB terminal
14 pins P7S-14F
Approx. 75 g
P7S-14A
Approx. 10 g
P7S-14P
Approx. 10 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com