Electronic Components Datasheet Search
  English  ▼

X  

S1DFL Datasheet(PDF) 1 Page - ON Semiconductor

Part # S1DFL
Description  Surface Mount General Purpose Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S1DFL Datasheet(HTML) 1 Page - ON Semiconductor

  S1DFL Datasheet HTML 1Page - ON Semiconductor S1DFL Datasheet HTML 2Page - ON Semiconductor S1DFL Datasheet HTML 3Page - ON Semiconductor S1DFL Datasheet HTML 4Page - ON Semiconductor S1DFL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
www.onsemi.com
 Semiconductor Components Industries, LLC, 2017
July, 2024 − Rev. 7
1
Publication Order Number:
S1MFL/D
Surface Mount General
Purpose Rectifiers
S1AFL, S1BFL, S1DFL, S1GFL, S1JFL, S1MFL,
NRVS1AFL, NRVS1BFL, NRVS1DFL, NRVS1GFL,
NRVS1JFL, NRVS1MFL
S1MFL Series,
NRVS1MFL Series
Features
 Ultra Thin Profile − Maximum Height of 1.08 mm
 UL Flammability 94V−0 Classification
 MSL 1
 Green Mold Compound
 NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
 These Devices are Pb−Free, Halogen Free and RoHS Compliant
SOD−123F
CASE 425AD
MARKING DIAGRAM
&Y
= Binary Calendar Year Coding Scheme
&Z
= Assembly Plant Code
*
= Specific Device Code
1A, 1B, 1D, 1G, 1J, 1M
&G
= Single Digit Weekly Data Code
Band Indicates Cathode
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of
this data sheet.
General−Purpose Rectifier
12
Cathode
Anode
&Y
&Z*&G


Similar Part No. - S1DFL

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
S1DFL SUNMATE-S1DFL Datasheet
315Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
logo
ON Semiconductor
S1DFL ONSEMI-S1DFL Datasheet
205Kb / 5P
Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
logo
Guangdong Huixin Electr...
S1DFL HUIXIN-S1DFL Datasheet
184Kb / 2P
1.0Amp Standard Surface Mounted Rectifiers
More results

Similar Description - S1DFL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A CTC-S2A Datasheet
108Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2AA CTC-S2AA_15 Datasheet
61Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S1MFL ONSEMI-S1MFL Datasheet
205Kb / 5P
Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com