Electronic Components Datasheet Search
  English  ▼

X  

44JR10LFT7 Datasheet(PDF) 1 Page - Bi technologies

Part # 44JR10LFT7
Description  4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

44JR10LFT7 Datasheet(HTML) 1 Page - Bi technologies

  44JR10LFT7 Datasheet HTML 1Page - Bi technologies 44JR10LFT7 Datasheet HTML 2Page - Bi technologies 44JR10LFT7 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Seal
85°C Fluorinert® (No Leaks)
Temperature Coefficient, Maximum
±100ppm/°C (<100 Ohms = ±250ppm/°C)
Operating Temperature Range
–65°C to +150°C
Thermal Shock
5 cycles, –65°C to +150°C (2%
∆RT, 1% ∆VR)
Moisture Resistance
Ten 24 hour cycles (2%
∆RT, IR 10 Megohms Min.)
Shock, 6ms Sawtooth
100G’s (1%
∆RT, 1% ∆VR)
Vibration
20G’s, 10 to 2,000 Hz (1%
∆RT, 1% ∆VR)
Rotational Life
200 cycles (3%
∆RT, 1% CRV)
Load Life at 0.25 Watts
1,000 hours at 85°C (2%
∆RT, 1% CRV)
Resistance to Solder Heat
260°C for 10 sec. (1%
∆RT)
Temperature Exposure, Maximum
215°C for 3 min. (1%
∆RT)
Solderability
Per MIL-STD-202, Method 208
MECHANICAL
Mechanical Stops
Clutch action, both ends
Torque, Starting Maximum
3 oz.-in. (0.021 N-m)
Weight, Nominal
.01 oz. (0.3 grams)
1
1-21
Standard Resistance Range, Ohms
10 to 2Meg
Standard Resistance Tolerance
±10% (<100 Ohms = ±20%)
Input Voltage, Maximum
300 Vdc or rms not to exceed power rating
Slider Current, Maximum
100mA or within rated power, whichever is less
Power Rating, Watts
0.25 at 85°C derating to 0 at 150°C
End Resistance, Maximum
1% or 2 Ohms, whichever is greater
Actual Electrical Travel, Turns, Nominal
9
Dielectric Strength
600Vrms
Insulation Resistance, Minimum
1,000 Megohms
Resolution
Essentially infinite
Contact Resistance Variation, Maximum
1% or 3 Ohms, whichever is greater
ENVIRONMENTAL
MODEL 44
4mm Square Multiturn
Surface Mount
Cermet Trimming
Potentiometer
Fluorinert® is a registered trademark of 3M Company.
Specifications subject to change without notice.
Model 44
ELECTRICAL


Similar Description - 44JR10LFT7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
1/4 Square Multiturn Cermet Trimming Potentiometer
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
84PR10KLF BITECH-84PR10KLF Datasheet
57Kb / 3P
1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
84PR10KLFTR BITECH-84PR10KLFTR_12 Datasheet
63Kb / 3P
1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com