Electronic Components Datasheet Search
  English  ▼

X  

43WR20LFTR Datasheet(PDF) 2 Page - Bi technologies

Part # 43WR20LFTR
Description  3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

43WR20LFTR Datasheet(HTML) 2 Page - Bi technologies

  43WR20LFTR Datasheet HTML 1Page - Bi technologies 43WR20LFTR Datasheet HTML 2Page - Bi technologies 43WR20LFTR Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL 43
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
November 8, 2006
page 2 of 3
BI technologies
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Seal
85
°C Fluorinert®
Operating Temperature Range
-65
°C to +150°C
Thermal Shock, 5 cycles, -55
°C to +125°C
2%
∆R, 2% ∆V Ratio max.
Moisture Resistance, Ten 24 Hour Cycles
3%
∆R
Shock, 6 ms Sawtooth 100G’s
1%
∆R, 1% ∆V Ratio max.
Vibration, 20G’s to 2000 Hz
1%
∆R, 1% ∆V Ratio max.
High Temperature Exposure, 250 Hours @ 125
°C
2%
∆R, 2% ∆V Ratio max.
Rotational Life, 200 Cycles
3%
∆R
Load Life, 0.125W, 1000 Hours, 70
°C
4%
∆R or 4 ohms which ever is greatest, 2% ∆V Ratio max.
Resistance to Solder Heat
260
°C for 5 sec.
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION2222
PACKAGING INFORMATIO
PACKAGING INFORMATIO
PACKAGING INFORMATIO
PACKAGING INFORMATION
N
N
N
Tape & Reel
Tape Width
12 mm
Sprocket Pitch
4 mm
Reel Diameter
7 inches
Quantity per Reel
500 units
Tubes
Anti-Static Tubes, all units oriented with #1 pin to the same side
50 units per tube
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
10
100
1K
10K
100K
1 Meg
20
200
2K
20K
200K
2 Meg
50
500
5K
50K
500K
2
Contact our customer service for custom designs and features.
43
43
43
43 W R10K LF XX
W R10K LF XX
W R10K LF XX
W R10K LF XX
Model Series
Pin Style
Packaging Option:
TR - 7” Tape & Reel
TB - Tube
RoHS Compliant Product Code
Resistance Value



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com