Electronic Components Datasheet Search
  English  ▼

X  

BCC0FZY Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0FZY
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0FZY Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0FZY Datasheet HTML 1Page - Balluff Korea Ltd. BCC0FZY Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC E894-E894-90-339-ES64N9-350
Order Code: BCC0FZY
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 251668
ETIM 6.0: EC001855
BCC0FZY_0.88_2023-12-20
1 / 2
Basic features
Application
Ethernet, CAT 5
Approval/Conformity
CE
WEEE
Electrical connection
Bending radius min., flexible cable
10 x D
Cable
TPE Shielded teal, 35 m, drag
chain compatible
Cable diameter D
6.10 mm ±0.25 mm
Cable, bending cycles min.
10 mil.
Cable, note
Ethernet, CAT 5E
Conductor cross-section
24 AWG
Connection 1
RJ45-Male, straight, 4-pin
Connection 2
RJ45-Male, straight, 4-pin
Number of conductors
4
System
assembled/assembled
Electrical data
Cable rated voltage AC max.
600 V
Cable rated voltage DC max.
600 V
Conductor construction
2x2 twisted-pair
Conductor resistance
≤ 26.0 Ohm/1000 ft
Coupling resistance max.
100 Ohm ±15 Ohm
Operating capacitance
13.5 pF/ft
Operating voltage Ub
42 VDC / 30 VAC
Rated current (40 °C)
1.0 A
Transfer rate
10/100 Mbit/s
Environmental conditions
Cable temperature, flexible routing
-40...80 °C
IP rating
IP20/IP20
Material
Cable jacket material, note
Shielded
Cable jacket, material
TPE
Cable shield
Aluminum foil and copper braid
Material contact carrier
PBT/PBT
Material contacts
Phosphor bronze, gold plated/
Phosphor bronze, gold plated
Material grip
PVC/PVC
Mechanical data
Cable jacket, color
teal
Cable length L
35.00 m
Cable properties
drag chain compatible


Similar Part No. - BCC0FZY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FZ0 BALLUFF-BCC0FZ0 Datasheet
114Kb / 2P
Bulkhead Connectors
0.85_2022-07-14
BCC0FZL BALLUFF-BCC0FZL Datasheet
102Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0FZT BALLUFF-BCC0FZT Datasheet
102Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0FZZ BALLUFF-BCC0FZZ Datasheet
106Kb / 2P
Double-Ended Cordsets
2022-11-10
More results

Similar Description - BCC0FZY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com