Electronic Components Datasheet Search
  English  ▼

X  

1668564 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1668564
Description  SAC-3P-M12MR/0,6-PUR/M12FS B - Sensor/actuator cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1668564 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1668564 Datasheet HTML 1Page - PHOENIX CONTACT 1668564 Datasheet HTML 2Page - PHOENIX CONTACT 1668564 Datasheet HTML 3Page - PHOENIX CONTACT 1668564 Datasheet HTML 4Page - PHOENIX CONTACT 1668564 Datasheet HTML 5Page - PHOENIX CONTACT 1668564 Datasheet HTML 6Page - PHOENIX CONTACT 1668564 Datasheet HTML 7Page - PHOENIX CONTACT 1668564 Datasheet HTML 8Page - PHOENIX CONTACT 1668564 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, Plug angled M12,
coding: A, on Socket straight M12, coding: A, PIN 2+4 bridged, cable length: 0.6 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Efficient integration of bridging functions directly in the connector
•
Commercial data
Item number
1668564
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CBA
Catalog page
Page 188 (C-2-2019)
GTIN
4017918136338
Weight per piece (including packing)
34.9 g
Weight per piece (excluding packing)
34.9 g
Customs tariff number
85444290
Country of origin
PL
SAC-3P-M12MR/0,6-PUR/M12FS B - Sensor/actuator
cable
1668564
https://www.phoenixcontact.com/us/products/1668564
Jul 3, 2024, 4:08 AM
Page 1 (17)


Similar Part No. - 1668564

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
16685 ATOM-16685 Datasheet
109Kb / 1P
AT9227
31st of January 2025 06:57:58
logo
PHOENIX CONTACT
1668506 PHOENIX-1668506 Datasheet
629Kb / 17P
SAC-4P-M12MS/3,0-PUR/M12FR - Sensor/actuator cable
1668519 PHOENIX-1668519 Datasheet
630Kb / 17P
SAC-4P-M12MS/0,3-PUR/M12FR-3L - Sensor/actuator cable
1668522 PHOENIX-1668522 Datasheet
632Kb / 18P
SAC-4P-M12MS/0,6-PUR/M12FR-3L - Sensor/actuator cable
1668535 PHOENIX-1668535 Datasheet
633Kb / 18P
SAC-4P-M12MS/1,5-PUR/M12FR-3L - Sensor/actuator cable
More results

Similar Description - 1668564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400790 PHOENIX-1400790 Datasheet
49Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/CI-1L-Z
1439340 PHOENIX-1439340 Datasheet
51Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/A-1LZ
1439382 PHOENIX-1439382 Datasheet
43Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/BI-1L-Z
1439418 PHOENIX-1439418 Datasheet
43Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/B-1L-Z
1669369 PHOENIX-1669369 Datasheet
68Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/B-1L-S
1669327 PHOENIX-1669327 Datasheet
68Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/BI-1L-S
1669408 PHOENIX-1669408 Datasheet
69Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/CI-1L-S
1669440 PHOENIX-1669440 Datasheet
69Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/C-1L-S
1668072 PHOENIX-1668072 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 1,5-PUR/M12FS B
09/11/2020
1668098 PHOENIX-1668098 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FS B
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com