Electronic Components Datasheet Search
  English  ▼

X  

40PR100KLF Datasheet(PDF) 1 Page - Bi technologies

Part # 40PR100KLF
Description  6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

40PR100KLF Datasheet(HTML) 1 Page - Bi technologies

  40PR100KLF Datasheet HTML 1Page - Bi technologies 40PR100KLF Datasheet HTML 2Page - Bi technologies 40PR100KLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL 40
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
September 19, 2006
page 1 of 3
BI technologies
6 mm Single-Turn
Open Frame
Carbon Trimming Potentiometer
RoHS Compliant
STYLES AVAILABLE
STYLES AVAILABLE
STYLES AVAILABLE
STYLES AVAILABLE
Top Adjust
40P
Side Adjust
40S
Side Adjust (Two Pins)
40B
Side Adjust (3 Pins in-line)
40W
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL1111
Resistance Range
100 to 1,000,000 Ohms
Standard Resistance Tolerance
± 30%
Input Voltage, Maximum
100 V
Power rating, Watts
0.1 @ 50
°C
End Resistance, Maximum
<1K: 30 Ohms Max; > 1K: 5% Max.
Actual Electrical Travel
200° ±20°
Contact Resistance Variation
10% Max.
Temperature Coefficient of Resistance
±1000 ppm/
°C
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Torque, Maximum
2.5 in. oz. Max.
Weight, Approx.
0.01 oz.
Wiper Position
Approx. 50%
1
Specifications subject to change without notice.


Similar Part No. - 40PR100KLF

ManufacturerPart #DatasheetDescription
logo
Dataman Programmers
40PRO DATAMAN-40PRO Datasheet
134Kb / 2P
The Dataman 40Pro is a PC based universal 40-pin programmer with ISP capabilities and USB 2.0 connectivity
04/15
More results

Similar Description - 40PR100KLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
DB Lectro Inc
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3323U DBLECTRO-3323U Datasheet
196Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
logo
Bi technologies
35WR10KLFTR BITECH-35WR10KLFTR Datasheet
121Kb / 3P
3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer
36WR10KLF BITECH-36WR10KLF Datasheet
280Kb / 3P
6 MM SINGLE-TURN Open Frame Cermet Trimming Potentiometer
37PR10KLF BITECH-37PR10KLF Datasheet
163Kb / 3P
9 mm Single-Turn Open Frame Cermet Trimming Potentiometer
38WLABR100KLF30 BITECH-38WLABR100KLF30 Datasheet
208Kb / 3P
10 mm Single-Turn Trimmer Dust Proof Carbon Element Low TCR RoHS Compliant
39WLABR100KLF30 BITECH-39WLABR100KLF30 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
43WR10KLFXX BITECH-43WR10KLFXX Datasheet
151Kb / 3P
3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
logo
Bourns Electronic Solut...
3316 BOURNS-3316 Datasheet
277Kb / 1P
6MM ROUND/SINGLE-TURN/CARBON COMMERCIAL/OPEN FRAME
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com