Electronic Components Datasheet Search
  English  ▼

X  

TDA2614 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA2614
Description  6 W hi-fi audio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2614 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA2614 Datasheet HTML 2Page - NXP Semiconductors TDA2614 Datasheet HTML 3Page - NXP Semiconductors TDA2614 Datasheet HTML 4Page - NXP Semiconductors TDA2614 Datasheet HTML 5Page - NXP Semiconductors TDA2614 Datasheet HTML 6Page - NXP Semiconductors TDA2614 Datasheet HTML 7Page - NXP Semiconductors TDA2614 Datasheet HTML 8Page - NXP Semiconductors TDA2614 Datasheet HTML 9Page - NXP Semiconductors TDA2614 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
July 1994
8
Philips Semiconductors
Product specification
6 W hi-fi audio power amplifier
TDA2614
handbook, full pagewidth
6
20 k
Ω
5
8
3
TDA2614
MCD370
20 k
Ω
680
Ω
100 nF
680
µF
7
220 nF
9
2
mute input
R = 8
Ω
L
22 nF
8.2
Ω
P
+ V
I
V
P
– V
680
µF
Fig.4 Test and application circuit with symmetrical power supply.
handbook, full pagewidth
6
20 k
Ω
5
8
3
TDA2614
MCD369
20 k
Ω
680
Ω
100 nF
680
µF
7
220 nF
9
2
100
µF
mute input
S
V
S
R
R = 8
Ω
L
22 nF
680
µF
8.2
Ω
P
V
I
V
P
1/2
internal
Fig.5 Test and application circuit with asymmetrical power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com