Electronic Components Datasheet Search
  English  ▼

X  

TDA2615 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA2615
Description  2 x 6 W hi-fi audio power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2615 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA2615 Datasheet HTML 1Page - NXP Semiconductors TDA2615 Datasheet HTML 2Page - NXP Semiconductors TDA2615 Datasheet HTML 3Page - NXP Semiconductors TDA2615 Datasheet HTML 4Page - NXP Semiconductors TDA2615 Datasheet HTML 5Page - NXP Semiconductors TDA2615 Datasheet HTML 6Page - NXP Semiconductors TDA2615 Datasheet HTML 7Page - NXP Semiconductors TDA2615 Datasheet HTML 8Page - NXP Semiconductors TDA2615 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1995 May 08
2
Philips Semiconductors
Product specification
2
× 6 W hi-fi audio power amplifier
TDA2615
FEATURES
• Requires very few external components
• No switch-on/switch-off clicks
• Input mute during switch-on and switch-off
• Low offset voltage between output and ground
• Excellent gain balance of both amplifiers
• Hi-fi in accordance with “IEC 268” and “DIN 45500”
• Short-circuit proof and thermal protected
• Mute possibility.
GENERAL DESCRIPTION
The TDA2615 is a dual power amplifier in a 9-lead plastic
single-in-line (SIL9MPF) medium power package. It has
been especially designed for mains fed applications, such
as stereo radio and stereo TV.
QUICK REFERENCE DATA
Stereo application.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
±VP
supply voltage range
7.5
−
21
V
PO
output power
VS = ±12 V; THD = 0.5%
−
6
−
W
Gv
internal voltage gain
−
30
−
dB
Gv
channel unbalance
−
0.2
−
dB
α
channel separation
−
70
−
dB
SVRR
supply voltage ripple rejection
−
60
−
dB
Vno
noise output voltage
−
70
−µV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA2615
SIL9MPF
plastic single in-line medium power package with fin; 9 leads
SOT110-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com