Electronic Components Datasheet Search
  English  ▼

X  

PD55003-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD55003-E
Description  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD55003-E Datasheet HTML 1Page - STMicroelectronics PD55003-E Datasheet HTML 2Page - STMicroelectronics PD55003-E Datasheet HTML 3Page - STMicroelectronics PD55003-E Datasheet HTML 4Page - STMicroelectronics PD55003-E Datasheet HTML 5Page - STMicroelectronics PD55003-E Datasheet HTML 6Page - STMicroelectronics PD55003-E Datasheet HTML 7Page - STMicroelectronics PD55003-E Datasheet HTML 8Page - STMicroelectronics PD55003-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
August 2011
Doc ID 12273 Rev 4
1/29
29
PD55003-E
RF power transistor from the LdmoST plastic family
of N-channel enhancement-mode lateral MOSFETs
Features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 3 W with 17dB gain @ 500 MHz / 12.5 V
Description
The PD55003-E is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It
operates at 12 V in common source mode at
frequencies of up to 1 GHz. The PD55003 boasts
excellent gain, linearity and reliability thanks to
ST’s latest LDMOS technology mounted in the
first true SMD plastic RF power package, the
PowerSO-10RF.
The PD55003’s superior linearity performance
makes it an ideal solution for car mobile radios.
The PowerSO-10RF plastic package is designed
for high reliability, and is the first JEDEC-
approved, high power SMD package from ST. It
has been optimized for RF requirements and
offers excellent RF performance and ease of
assembly.
Mounting recommendations are provided in
application note AN1294, available on
www.st.com.
Figure 1.
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
Table 1.
Device summary
Order code
Package
Packing
PD55003-E
PowerSO-10RF (formed lead)
Tube
PD55003S-E
PowerSO-10RF (straight lead)
Tube
PD55003TR-E
PowerSO-10RF (formed lead)
Tape and reel
PD55003STR-E
PowerSO-10RF (straight lead)
Tape and reel
www.st.com


Similar Part No. - PD55003-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003-E STMICROELECTRONICS-PD55003-E Datasheet
468Kb / 29P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
19-May-2010
PD55003-E-E STMICROELECTRONICS-PD55003-E-E Datasheet
468Kb / 29P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
19-May-2010
More results

Similar Description - PD55003-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
LET9045C STMICROELECTRONICS-LET9045C Datasheet
206Kb / 10P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
15-Apr-2011
LET9150 STMICROELECTRONICS-LET9150 Datasheet
325Kb / 12P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
22-Dec-2010
LET9120 STMICROELECTRONICS-LET9120 Datasheet
208Kb / 11P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
22-Oct-2010
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
LET9045F STMICROELECTRONICS-LET9045F Datasheet
202Kb / 10P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
LET9060F STMICROELECTRONICS-LET9060F Datasheet
164Kb / 9P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com