Electronic Components Datasheet Search
  English  ▼

X  

PM8834 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PM8834
Description  4 A dual low-side MOSFET driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834 Datasheet(HTML) 3 Page - STMicroelectronics

  PM8834 Datasheet HTML 1Page - STMicroelectronics PM8834 Datasheet HTML 2Page - STMicroelectronics PM8834 Datasheet HTML 3Page - STMicroelectronics PM8834 Datasheet HTML 4Page - STMicroelectronics PM8834 Datasheet HTML 5Page - STMicroelectronics PM8834 Datasheet HTML 6Page - STMicroelectronics PM8834 Datasheet HTML 7Page - STMicroelectronics PM8834 Datasheet HTML 8Page - STMicroelectronics PM8834 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID15086 Rev 4
3/21
PM8834
List of figures
21
DocID15086 Rev 4
3/21
PM8834
List of figures
21
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
Pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Single high-current (up to 8 A) low-side driver configuration . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 5.
Minimal output series resistance for safe operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6.
Equivalent circuit for MOSFET driver . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
Power dissipation with load of 10 nF and 2.2
gate resistor. . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
Power dissipation for capacitive load of 10 nF with 4.7
 gate resistor . . . . . . . . . . . . . . . 14
Figure 9.
Driver turn-on and turn-off paths. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 10.
Example of placement of external components - SO8 package . . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
Example of placement of external components - MSOP8 package . . . . . . . . . . . . . . . . . . 16
Figure 12.
SO-8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 13.
MSOP-8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com