Electronic Components Datasheet Search
  English  ▼

X  

PM8834M Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM8834M
Description  4 A dual low-side MOSFET driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834M Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM8834M Datasheet HTML 2Page - STMicroelectronics PM8834M Datasheet HTML 3Page - STMicroelectronics PM8834M Datasheet HTML 4Page - STMicroelectronics PM8834M Datasheet HTML 5Page - STMicroelectronics PM8834M Datasheet HTML 6Page - STMicroelectronics PM8834M Datasheet HTML 7Page - STMicroelectronics PM8834M Datasheet HTML 8Page - STMicroelectronics PM8834M Datasheet HTML 9Page - STMicroelectronics PM8834M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Pin description and connections
PM8834
6/21
DocID15086 Rev 4
Pin description and connections
PM8834
6/21
DocID15086 Rev 4
2.2
Thermal data
Note:
Maximum power dissipation and derating factor are estimated assuming 125 °C as
maximum operating junction temperature.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 150
°C
TA
Operating ambient temperature range
-40 to 105
°C
SO8
RTHJA
Thermal resistance junction to ambient (device soldered
on 2s2p PC board - 67 mm x 67 mm)
85
°C/W
RTHJC
Thermal resistance junction to case
40
°C/W
PTOT
Maximum power dissipation at 70 °C (device soldered on
2s2p PC board - 67 mm x 67 mm)
0.65
W
DF
Derating factor above 70 °C
12
mW/°C
MSOP8
RTHJA
Thermal resistance junction to ambient (device soldered
on 2s2p PC board - 67 mm x 67 mm)
50
°C/W
RTHJC
Thermal resistance junction to case
10
°C/W
PTOT
Maximum power dissipation at 70 °C (device soldered on
2s2p PC board - 67 mm x 67 mm)
1.1
W
DF
Derating factor above 70 °C
20
mW/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com