Electronic Components Datasheet Search
  English  ▼

X  

TDA2616 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA2616
Description  2 x 12 W hi-fi audio power amplifiers with mute
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2616 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA2616 Datasheet HTML 4Page - NXP Semiconductors TDA2616 Datasheet HTML 5Page - NXP Semiconductors TDA2616 Datasheet HTML 6Page - NXP Semiconductors TDA2616 Datasheet HTML 7Page - NXP Semiconductors TDA2616 Datasheet HTML 8Page - NXP Semiconductors TDA2616 Datasheet HTML 9Page - NXP Semiconductors TDA2616 Datasheet HTML 10Page - NXP Semiconductors TDA2616 Datasheet HTML 11Page - NXP Semiconductors TDA2616 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
July 1994
8
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifiers with
mute
TDA2616/TDA2616Q
Fig.4 Test and application circuit with symmetrical power supply.
handbook, full pagewidth
2200
µF
7
2
mute input
P
+ V
5
TDA2616
MCD374 - 3
100 nF
6
20 k
Ω
8
20 k
Ω
680
Ω
220 nF
9
R = 8
Ω
L
22 nF
8.2
Ω
I
V
P
– V
3
R = 8
Ω
L
22 nF
8.2
Ω
4
20 k
Ω
220 nF
1
I
V
20 k
Ω
680
Ω
2200
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com