Electronic Components Datasheet Search
  English  ▼

X  

74ABT534APWDH Datasheet(PDF) 5 Page - International Rectifier

Part # 74ABT534APWDH
Description  Octal D-type flip-flop, inverting (3-State)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

74ABT534APWDH Datasheet(HTML) 5 Page - International Rectifier

  74ABT534APWDH Datasheet HTML 1Page - International Rectifier 74ABT534APWDH Datasheet HTML 2Page - International Rectifier 74ABT534APWDH Datasheet HTML 3Page - International Rectifier 74ABT534APWDH Datasheet HTML 4Page - International Rectifier 74ABT534APWDH Datasheet HTML 5Page - International Rectifier 74ABT534APWDH Datasheet HTML 6Page - International Rectifier 74ABT534APWDH Datasheet HTML 7Page - International Rectifier 74ABT534APWDH Datasheet HTML 8Page - International Rectifier 74ABT534APWDH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ABT534A
Octal D-type flip-flop, inverting (3-State)
1997 Feb 03
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VI or VO ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current3
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
VOE = VCC
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
0.1
10
10
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–0.1
–10
–10
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
0.1
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
100
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
24
30
30
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
100
250
250
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3
This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. For VCC = 2.1V to VCC = 5V " 10%, a
transition time of up to 100
µsec is permitted.
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
fMAX
Maximum clock frequency
1
125
350
125
ns
tPLH
tPHL
Propagation delay
CP to Qn
1
2.0 1
2.4 1
3.3
3.6
4.2 1
4.7 1
2.0
2.4
5.0 1
5.1 1
ns
tPZH
tPZL
Output enable time
to High and Low level
3
4
1.0
2.6
3.1
3.9
4.2
4.9 1
1.0
2.6
5.0
5.5 1
ns
tPHZ
tPLZ
Output disable time
from High and Low level
3
4
1.8 1
1.6 1
3.3
2.8
4.3 1
3.6 1
1.8 1
1.6 1
4.6 1
4.1 1
ns
NOTE:
1. This datasheet limit may vary among suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com