Electronic Components Datasheet Search
  English  ▼

X  

DER-36 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-36
Description  42W, 4 Output Supply using TOP245Y
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-36 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-36 Datasheet HTML 13Page - Power Integrations, Inc. DER-36 Datasheet HTML 14Page - Power Integrations, Inc. DER-36 Datasheet HTML 15Page - Power Integrations, Inc. DER-36 Datasheet HTML 16Page - Power Integrations, Inc. DER-36 Datasheet HTML 17Page - Power Integrations, Inc. DER-36 Datasheet HTML 18Page - Power Integrations, Inc. DER-36 Datasheet HTML 19Page - Power Integrations, Inc. DER-36 Datasheet HTML 20Page - Power Integrations, Inc. DER-36 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DER-36
42W, 4 Output Set Top Box Supply
April 27, 2004
Page 17 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9
Performance Data
All measurements performed at room temperature, 60 Hz input frequency, unless
otherwise specified.
9.1
Thermal Performance
Thermal measurements were made with the power supply mounted in the chassis, using
a slip-on heat sink on the TOPSwitch. A thermocouple was attached to the heat sink next
to the TOPSwitch source tab using solder. Another thermocouple was soldered to a
length of adhesive-backed copper tape, which was attached to the transformer. A
thermocouple was taped in the center of the chassis, with the junction in free air. This
thermocouple was used to measure the ambient air temperature inside the chassis. All
holes in chassis were sealed with tape except ventilation holes in chassis and holes used
for load and thermocouple wires. A solid cardboard sheet was used as the chassis top
lid. The thermal chamber temperature outside the chassis was adjusted until the desired
temperature was attained inside the chassis. Due to the limited size of the thermal
chamber, the chassis was inserted diagonally into the chamber, with the power supply
side tilted up. This may mean that the local ambient temperature of the supply was higher
than that that measured by the thermocouple, which was located in the chassis center.
The internal ambient temperature was allowed to rise with the unit running at the worst
case power dissipation (e.g. 180VAC) until the unit shutdown (S/D) and the maximum
ambient temperature was then recorded. The device was allowed to cool and restart, and
the thermals measured using the nominal supply voltage at both normal room ambient
and the elevated temperature at which shut down occurred at low line.
Item
180
VAC
230
VAC
230
VAC
Ambient
58
59
23
TOPSwitch (U3)
S/D
122
87
Transformer (T1)
S/D
73
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com