Electronic Components Datasheet Search
  English  ▼

X  

STA3005 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA3005
Description  Dual-IF AM/FM digital radio receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3005 Datasheet(HTML) 3 Page - STMicroelectronics

  STA3005 Datasheet HTML 1Page - STMicroelectronics STA3005 Datasheet HTML 2Page - STMicroelectronics STA3005 Datasheet HTML 3Page - STMicroelectronics STA3005 Datasheet HTML 4Page - STMicroelectronics STA3005 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STA3005
Package informations
3/5
Package informations
In order to meet environmental requirements, ST offers this device in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second level
Interconnect is marked on the package and on the inner box label, in compliance with
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 1.
TQFP144 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.003
0.008
D
21.80
22.00
22.20
0.858
0.866
0.874
D1
19.80
20.00
20.20
0.779
0.787
0.795
D2
2.00
0.079
D3
17.50
0.689
e
0.50
0.020
E
21.80
22.00
22.20
0.858
0.866
0.874
E1
19.80
20.00
20.20
0.779
0.787
0.795
E2
2.00
0.079
E3
17.50
0.689
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.0393
K
3.5˚ (min.), 7˚(max.)
ccc
0.08
0.03
TQFP144
(20x20x1.0mm exposed Pad Down)
7386636
Note 1: Exact shape of each corner is optional.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com