Electronic Components Datasheet Search
  English  ▼

X  

STG3155DTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG3155DTR
Description  Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3155DTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG3155DTR Datasheet HTML 3Page - STMicroelectronics STG3155DTR Datasheet HTML 4Page - STMicroelectronics STG3155DTR Datasheet HTML 5Page - STMicroelectronics STG3155DTR Datasheet HTML 6Page - STMicroelectronics STG3155DTR Datasheet HTML 7Page - STMicroelectronics STG3155DTR Datasheet HTML 8Page - STMicroelectronics STG3155DTR Datasheet HTML 9Page - STMicroelectronics STG3155DTR Datasheet HTML 10Page - STMicroelectronics STG3155DTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STG3155
Electrical characteristics
7/18
3.2
AC Electrical characteristics
CL = 35pF, RL = 50Ω, tr = tf ≤ 5ns
Table 6.
AC Electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH,
tPHL
Propagation
Delay
1.65-1.95
VS = OPEN
0.45
ns
2.3-2.7
0.40
3.0-3.3
0.30
3.6-4.3
0.30
tON
TURN-ON time
1.65-1.95
VS = 0.8V
120
ns
2.3-2.7
VS = 1.5V
45
55
65
3.0-3.3
52
55
65
3.6-4.3
40
55
65
tOFF
TURN-OFF time
1.65-1.95
VS = 0.8
22
ns
2.3-2.7
VS = 1.5V
18
30
40
3.0-3.3
16
30
40
3.6-4.3
15
30
40
tD
Break Before
Make Time Delay
1.65-1.95
CL = 35pF
RL = 50Ω
VS = 1.5V
28
ns
2.3-2.7
10
3.0-3.3
7
3.6-4.3
4
Q
Charge Injection
1.65
CL = 100pF
VGEN = 0V
RGEN = 0Ω
25
pC
2.3
34
342
4.3
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com