Electronic Components Datasheet Search
  English  ▼

X  

86002 Datasheet(PDF) 1 Page - Alpha Wire

Part # 86002
Description  28 (7/36) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

86002 Datasheet(HTML) 1 Page - Alpha Wire

  86002 Datasheet HTML 1Page - Alpha Wire 86002 Datasheet HTML 2Page - Alpha Wire 86002 Datasheet HTML 3Page - Alpha Wire 86002 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 86002
Construction
 
Diameters (In)
1) Component 1
2 X 1 COND
 
a) Conductor
28 (7/36) AWG Tinned Copper
0.015
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.035
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
RED
 
2) Cable Assembly
2 Components Cabled
 
a) Twists:
16.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to OUTSIDE
LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Jacket
0.040" Wall, Nom.,PVC
0.154+/- 0.010
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 86002 2C 28 AWG
XTRAGUARD(R) CONTINUOUS FLEX DATA CABLE
(UL) 105C TYPE CM SUN RES OR C(UL) CMG OR
AWM 2661 105C 300V --- LLXXXXXX
CSA AWM I/II A/B FT4 105C 300V CE
ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications


Similar Part No. - 86002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
86002-3030 MOLEX-86002-3030 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
86002-3400 MOLEX-86002-3400 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
86002-3430 MOLEX-86002-3430 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
86002-5000 MOLEX-86002-5000 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
More results

Similar Description - 86002

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
Molex Electronics Ltd.
0082285809 MOLEX1-0082285809_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285810 MOLEX1-0082285810_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285812 MOLEX1-0082285812_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285813 MOLEX1-0082285813_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285814 MOLEX1-0082285814_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285815 MOLEX1-0082285815_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285816 MOLEX1-0082285816_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285818 MOLEX1-0082285818_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com