Electronic Components Datasheet Search
  English  ▼

X  

TDA3565 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3565
Description  PAL decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3565 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3565 Datasheet HTML 4Page - NXP Semiconductors TDA3565 Datasheet HTML 5Page - NXP Semiconductors TDA3565 Datasheet HTML 6Page - NXP Semiconductors TDA3565 Datasheet HTML 7Page - NXP Semiconductors TDA3565 Datasheet HTML 8Page - NXP Semiconductors TDA3565 Datasheet HTML 9Page - NXP Semiconductors TDA3565 Datasheet HTML 10Page - NXP Semiconductors TDA3565 Datasheet HTML 11Page - NXP Semiconductors TDA3565 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
April 1986
8
Philips Semiconductors
Product specification
PAL decoder
TDA3565
Notes to the characteristics
1. At nominal contrast and nominal brightness.
2. Signal with negative-going sync pulse, amplitude includes sync pulse amplitude.
3. The signal indicated is for a colour bar with 75% saturation, so the chroma burst ratio of 2,2 : 1.
4. Nominal contrast is defined as (maximum contrast
−3 dB) and nominal saturation is (maximum saturation −12 dB).
5. Cross coupling is measured under the following condition; input signals nominal and contrast/saturation such that
nominal output signals are obtained. The signals at the output at which no signal should be available must be
compared with the nominal signal at that output.
6. The signal-to-noise ratio is specified as peak-to-peak signal with respect to r.m.s. noise.
7. These signal amplitudes are determined by the a.c.c. circuit of the reference part.
8. When this level is exceeded the amplitude of the output signal is reduced via a discharge of the capacitor at pin 6
(contrast control). The discharge current is 5,5 mA.
Frequency response of total luminance/
RGB amplifier circuits for 0 to 5 MHz
−−
−3dB
Sandcastle pulse detector
Level at which RGB blanking is activated
V7-17
1,0
1,5
2,0
V
Level at which burst gate and clamping
pulse are separated
V7-17
6,5
7,0
7,5
V
Delay between black level clamping and
burst gating pulse
0,4
−µs
Input current at:
V7-17 = 0 to 1 V
I7
−−
−1mA
V7-17 = 1 to 8,5 V
I7
20
40
µA
V7-17 = 8,5 to 12 V
I7
−−
2mA
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com