Electronic Components Datasheet Search
  English  ▼

X  

DER-46 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-46
Description  4.5W (6Wpk) Multiple Output DVB-T Power Supply using TNY264P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-46 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-46 Datasheet HTML 1Page - Power Integrations, Inc. DER-46 Datasheet HTML 2Page - Power Integrations, Inc. DER-46 Datasheet HTML 3Page - Power Integrations, Inc. DER-46 Datasheet HTML 4Page - Power Integrations, Inc. DER-46 Datasheet HTML 5Page - Power Integrations, Inc. DER-46 Datasheet HTML 6Page - Power Integrations, Inc. DER-46 Datasheet HTML 7Page - Power Integrations, Inc. DER-46 Datasheet HTML 8Page - Power Integrations, Inc. DER-46 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DER-46
6 W peak, Multiple output PSU for DVB-T
April 20, 2005
Page 2 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction ................................................................................................................ 3
2
Power Supply Specification........................................................................................ 4
3
Schematic .................................................................................................................. 5
4
Circuit Description...................................................................................................... 6
4.1
TinySwitch Primary ............................................................................................. 6
4.2
Output Rectification ............................................................................................ 6
4.3
Output Feedback and control.............................................................................. 6
5
PCB Layout................................................................................................................ 7
6
Bill Of Materials.......................................................................................................... 8
7
Transformer Specification .......................................................................................... 9
7.1
Electrical Diagram............................................................................................... 9
7.2
Electrical Specifications ...................................................................................... 9
7.3
Materials ........................................................................................................... 10
7.4
Transformer Build Diagram............................................................................... 10
7.5
Winding Instructions.......................................................................................... 11
8
Transformer Spreadsheet ........................................................................................ 12
9
Performance Data.................................................................................................... 13
9.1
Efficiency .......................................................................................................... 13
9.2
Worst Case Cross Regulation........................................................................... 14
10
Thermal Performance........................................................................................... 15
11
Waveforms ........................................................................................................... 15
11.1
Drain Voltage and Current, Normal Operation .................................................. 15
11.2
Output Ripple Measurements ........................................................................... 16
11.2.1
Ripple Measurement Technique ................................................................ 16
11.2.2
Measurement Results................................................................................ 17
11.3
Transient Response: 3.3V – 50% - 100% Load Step........................................ 19
12
Conducted EMI..................................................................................................... 20
13
Revision History ................................................................................................... 21
Important Note:
Although this board is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed using an
isolation transformer to provide the AC input to the prototype board.
Design Reports contain a power supply design specification, schematic, bill of materials, and
transformer documentation. Performance data and typical operation characteristics are
included. Typically only a single prototype has been built.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com