Electronic Components Datasheet Search
  English  ▼

X  

DER-48 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-48
Description  1.6W Dual Output Flyback Converter using LNK304P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-48 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-48 Datasheet HTML 1Page - Power Integrations, Inc. DER-48 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DER-48
Dual Output LNK304 Flyback
April 20, 2005
Page 2 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction................................................................................................................. 3
2
Power Supply Specification ........................................................................................ 4
3
Schematic................................................................................................................... 5
4
Circuit Description ...................................................................................................... 6
5
PCB Layout ................................................................................................................ 7
6
Bill Of Materials .......................................................................................................... 8
7
Transformer Specification........................................................................................... 9
7.1
Electrical Diagram ............................................................................................... 9
7.2
Electrical Specifications....................................................................................... 9
7.3
Materials.............................................................................................................. 9
7.4
Transformer Build Diagram ............................................................................... 10
7.5
Transformer Construction.................................................................................. 10
7.6
Design Notes..................................................................................................... 11
8
Transformer Spreadsheets....................................................................................... 12
9
Performance Data .................................................................................................... 13
9.1
Cross-Regulation Data ...................................................................................... 13
9.2
No-load Input Power and Efficiency .................................................................. 14
9.3
Regulation ......................................................................................................... 15
9.3.1
Line and Load Regulation .......................................................................... 15
10
Waveforms............................................................................................................ 16
10.1
Drain Voltage and Current, Normal Operation .................................................. 16
10.2
Output Voltage Start-up Profile ......................................................................... 16
10.3
Drain Voltage and Current Start-up Profile........................................................ 17
10.4
Load Transient Response (50% to 100% Load Step) ....................................... 17
10.5
Output Ripple Measurements............................................................................ 18
10.5.1
Ripple Measurement Technique ................................................................ 18
10.5.2
Measurement Results ................................................................................ 19
11
Conducted EMI ..................................................................................................... 20
12
Revision History .................................................................................................... 21
Important Note:
Although this board is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the prototype board.
Design Reports contain a power supply design specification, schematic, bill of materials,
and transformer documentation. Performance data and typical operation characteristics
are included. Typically only a single prototype has been built.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com