Electronic Components Datasheet Search
  English  ▼

X  

TDA3566 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA3566
Description  PAL/NTSC decoder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3566 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3566 Datasheet HTML 5Page - NXP Semiconductors TDA3566 Datasheet HTML 6Page - NXP Semiconductors TDA3566 Datasheet HTML 7Page - NXP Semiconductors TDA3566 Datasheet HTML 8Page - NXP Semiconductors TDA3566 Datasheet HTML 9Page - NXP Semiconductors TDA3566 Datasheet HTML 10Page - NXP Semiconductors TDA3566 Datasheet HTML 11Page - NXP Semiconductors TDA3566 Datasheet HTML 12Page - NXP Semiconductors TDA3566 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
February 1994
9
Philips Semiconductors
Product specification
PAL/NTSC decoder
TDA3566A
I28
output current
−
−
15
mA
Reference part
∆f
phase-locked loop catching range
note 6
500
−
−
Hz
∆ϕ
phase shift for 400 Hz deviation of the
oscillator frequency
note 6
−
−
5
deg
TCosc
oscillator temperature coefficient with
respect to oscillator frequency
note 6
−
−2
−3
Hz/K
∆f
osc
frequency deviation when supply
voltage increases from 10 to 13.2 V
note 6
−
40
100
Hz
R26
input resistance
280
400
520
Ω
C26
input capacitance
−
−
10
pF
ACC generation (pin 2; note )7
V2
control voltage at nominal input signal
−
4.5
−
V
V2
control voltage without chrominance
input
−
2
−
V
∆V2
colour-on/off voltage
175
300
425
mV
V2
colour-on voltage
3.1
3.5
3.9
V
∆V2
colour-on identification voltage
1.2
1.5
1.8
V
change in burst amplitude with
temperature
−
0.1
0.25
%/K
V3
voltage at pin 3 at nominal input signal
−
4.7
−
V
Demodulator part
V23(p-p)
amplitude of burst signal (peak-to-peak
value) between pins 23 and 27
note 8
45
63
81
mV
|Z22, 23|
input impedance between pins 22 or 23
and 27
0.7
1.0
1.3
k
Ω
RATIO OF DEMODULATED SIGNALS FOR EQUIVALENT INPUT SIGNALS AT PINS
22 AND 23
(B
−Y)/(R−Y)
−
1.78
± 10%
−
(G
−Y)/(R−Y)
no (B
−Y) signal −
−0.51 ± 10% −
(G
−Y)/(B−Y)
no (R
−Y) signal −
−0.19 ± 25% −
α
17
frequency response between 0 and
1 MHz
−
−
−3
dB
α
cr
cross-talk between colour difference
signals
40
−
−
dB
∆ϕ
phase difference between (R
−Y) and
(B
−Y) reference signals
85
90
95
deg
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
17
V
13
---------
V
15
V
13
---------
V
15
V
17
---------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com