Electronic Components Datasheet Search
  English  ▼

X  

DER-62 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-62
Description  3.0 W Charger using LNK363P
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-62 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-62 Datasheet HTML 1Page - Power Integrations, Inc. DER-62 Datasheet HTML 2Page - Power Integrations, Inc. DER-62 Datasheet HTML 3Page - Power Integrations, Inc. DER-62 Datasheet HTML 4Page - Power Integrations, Inc. DER-62 Datasheet HTML 5Page - Power Integrations, Inc. DER-62 Datasheet HTML 6Page - Power Integrations, Inc. DER-62 Datasheet HTML 7Page - Power Integrations, Inc. DER-62 Datasheet HTML 8Page - Power Integrations, Inc. DER-62 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DER-62
3W Charger using LNK363P
August 24, 2005
Page 2 of 24
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction ................................................................................................................ 4
2
Power Supply Specification........................................................................................ 4
3
Schematic .................................................................................................................. 5
3.1
With RCD clamp ................................................................................................. 5
3.2
With Zener clamp and bias winding .................................................................... 5
4
PCB............................................................................................................................ 6
5
Bill Of Materials—RCD clamp .................................................................................... 6
6
Transformer Specification .......................................................................................... 7
6.1
Electrical Diagram............................................................................................... 7
6.2
Electrical Specifications ...................................................................................... 7
6.3
Materials ............................................................................................................. 7
6.4
Transformer Build Diagram ................................................................................. 8
6.5
Transformer Construction ................................................................................... 8
7
Transformer Spreadsheets ........................................................................................ 9
8
Performance Data .................................................................................................... 11
8.1
Efficiency vs CEC ............................................................................................. 11
8.1.1
With RCD Clamp, no bias winding ............................................................. 11
8.1.2
With Zener Clamp and Bias winding .......................................................... 12
8.2
Efficiency vs Input Voltage ................................................................................ 12
8.2.1
With RCD clamp, no bias winding.............................................................. 12
8.2.2
With zener clamp and bias winding ........................................................... 13
8.3
No-Load Input Power ........................................................................................ 13
8.3.1
RCD clamp, no bias winding...................................................................... 13
8.3.2
Zener clamp clamp and bias winding......................................................... 14
8.4
Output Regulation ............................................................................................. 14
8.5
Thermal Performance ....................................................................................... 15
8.5.1
Thermal testing set up ............................................................................... 15
8.5.2
Test results of RCD clamp ......................................................................... 15
8.5.3
Thermal performance of Zener clamp and bias winding. ........................... 15
9
Waveforms............................................................................................................... 16
9.1
Drain Voltage, Normal Operation ...................................................................... 16
9.2
Drain Voltage During Startup ............................................................................ 17
9.3
Output Voltage Start-up Profile ......................................................................... 17
10
Output Ripple Measurements ............................................................................... 18
10.1.1
Ripple Measurement Technique ................................................................ 18
10.1.2
Measurement Results ................................................................................ 20
11
Conducted EMI..................................................................................................... 21
12
Transformer construction with bias winding.......................................................... 22
12.1
Electrical Diagram............................................................................................. 22
12.2
Transformer Build Diagram ............................................................................... 22
13
Revision History.................................................................................................... 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com