Electronic Components Datasheet Search
  English  ▼

X  

DER-95 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-95
Description  30W Adapter using TOP245Y
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-95 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-95 Datasheet HTML 1Page - Power Integrations, Inc. DER-95 Datasheet HTML 2Page - Power Integrations, Inc. DER-95 Datasheet HTML 3Page - Power Integrations, Inc. DER-95 Datasheet HTML 4Page - Power Integrations, Inc. DER-95 Datasheet HTML 5Page - Power Integrations, Inc. DER-95 Datasheet HTML 6Page - Power Integrations, Inc. DER-95 Datasheet HTML 7Page - Power Integrations, Inc. DER-95 Datasheet HTML 8Page - Power Integrations, Inc. DER-95 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DER-95
30 W Adapter for Portable DVD
September 12, 2005
Page 2 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction................................................................................................................. 4
2
Power Supply Specification ........................................................................................ 5
3
Schematic................................................................................................................... 6
4
Circuit Description ...................................................................................................... 7
4.1
Input EMI Filtering ............................................................................................... 7
4.2
Reduced current limit .......................................................................................... 7
4.3
Output Rectification ............................................................................................. 7
4.4
Output Feedback................................................................................................. 7
5
PCB Layout ................................................................................................................ 8
6
Bill Of Materials .......................................................................................................... 9
7
Transformer.............................................................................................................. 10
7.1
Transformer Diagram ........................................................................................ 10
7.2
Electrical Specifications..................................................................................... 10
7.3
Materials............................................................................................................ 10
7.4
Detailed copper shield....................................................................................... 11
7.5
Transformer Construction.................................................................................. 11
7.6
Winding Instructions .......................................................................................... 11
8
Transformer Spreadsheets....................................................................................... 12
9
Performance Data .................................................................................................... 14
9.1
Efficiency........................................................................................................... 14
9.2
No-Load Input Power Integrations..................................................................... 14
9.3
Output regulation............................................................................................... 15
9.3.1
Line regulation............................................................................................ 15
9.3.2
Load regulation (taken at the end of the output cable) ............................... 15
9.4
Thermal Performance........................................................................................ 15
9.5
Maximum output current.................................................................................... 16
10
Waveforms............................................................................................................ 16
10.1
Drain Voltage, Normal Operation ...................................................................... 16
10.2
Output Voltage Start-up Profile ......................................................................... 16
11
Output Ripple Measurements ............................................................................... 17
11.1.1
Ripple Measurement Technique ................................................................ 17
11.1.2
Measurement Results ................................................................................ 18
12
Loop performance................................................................................................. 19
13
Conducted EMI ..................................................................................................... 20
14
Revision History .................................................................................................... 21
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com