Electronic Components Datasheet Search
  English  ▼

X  

DER-99 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-99
Description  17.4 W Power Supply using TOP244P
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-99 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-99 Datasheet HTML 1Page - Power Integrations, Inc. DER-99 Datasheet HTML 2Page - Power Integrations, Inc. DER-99 Datasheet HTML 3Page - Power Integrations, Inc. DER-99 Datasheet HTML 4Page - Power Integrations, Inc. DER-99 Datasheet HTML 5Page - Power Integrations, Inc. DER-99 Datasheet HTML 6Page - Power Integrations, Inc. DER-99 Datasheet HTML 7Page - Power Integrations, Inc. DER-99 Datasheet HTML 8Page - Power Integrations, Inc. DER-99 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DER-99
Set Top Box 17.4 W Power Supply
September 12, 2005
Page 2 of 29
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction................................................................................................................. 4
2
Power Supply Specification ........................................................................................ 5
3
Schematic................................................................................................................... 6
4
Circuit Description ...................................................................................................... 8
4.1
EMI Filtering ........................................................................................................ 8
4.2
TOPSwitch Primary ............................................................................................. 8
4.3
Power Good signal .............................................................................................. 8
5
PCB Layout ................................................................................................................ 9
6
Bill Of Materials ........................................................................................................ 10
7
Transformer Specification......................................................................................... 12
7.1
Electrical Diagram ............................................................................................. 12
7.2
Electrical Specifications..................................................................................... 12
7.3
Materials............................................................................................................ 12
7.4
Transformer Build Diagram ............................................................................... 13
7.5
Transformer Construction.................................................................................. 14
8
Transformer Spreadsheets....................................................................................... 15
9
Performance Data .................................................................................................... 18
9.1
Efficiency........................................................................................................... 18
9.2
Regulation ......................................................................................................... 18
9.2.1
Cross Regulation........................................................................................ 18
9.3
Thermal Performance........................................................................................ 18
9.4
Surge test.......................................................................................................... 19
9.4.1
Surge Test Setup ....................................................................................... 19
9.4.2
Surge Test Results..................................................................................... 19
9.5
AC Line Over Voltage (388 VAC swell) ............................................................. 20
9.6
Hold-Up Time and Power Good ........................................................................ 21
10
Waveforms............................................................................................................ 23
10.1
Drain Voltage and Current, Normal Operation .................................................. 23
10.2
Drain Voltage and Current Start-up Profile........................................................ 23
10.3
Output Ripple Measurements............................................................................ 24
10.3.1
Ripple Measurement Technique ................................................................ 24
10.3.2
Measurement Results ................................................................................ 25
11
Control Loop Measurements................................................................................. 26
11.1
160 VAC Maximum Load .................................................................................. 26
11.2
230 VAC Maximum Load .................................................................................. 26
12
Conducted EMI ..................................................................................................... 27
13
Revision History .................................................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com