Electronic Components Datasheet Search
  English  ▼

X  

PR0805 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # PR0805
Description  CURRENT SENSOR - LOW TCR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PR0805 Datasheet(HTML) 2 Page - YAGEO Corporation

  PR0805 Datasheet HTML 1Page - YAGEO Corporation PR0805 Datasheet HTML 2Page - YAGEO Corporation PR0805 Datasheet HTML 3Page - YAGEO Corporation PR0805 Datasheet HTML 4Page - YAGEO Corporation PR0805 Datasheet HTML 5Page - YAGEO Corporation PR0805 Datasheet HTML 6Page - YAGEO Corporation PR0805 Datasheet HTML 7Page - YAGEO Corporation PR0805 Datasheet HTML 8Page - YAGEO Corporation PR0805 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
2
10
SERIES
PR/PF/PH
0805/1206/2512/0815
SCOPE
This specification describes
PR/PF/PH series current sensor -
low TCR with lead-free terminations
made by metal substrate.
APPLICATIONS
Power Management Applications
Current detection for
Switching Power Supply
Computers, Consumer
DC-DC Converter, Battery
Pack, Charger, Adaptor
FEATURES
Halogen-free Epoxy
RoHS compliant
-
Products with lead-free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
Reduce environmentally
hazardous wastes
High component and equipment
reliability
None forbidden-materials used in
products/production
Low resistances applied to
current sensing
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
PR/PF/PH XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0805 / 1206 / 2512 / 0815
(2) TOLERANCE
F = ±1%
G = ±2%
J = ±5%
(3) PACKAGING TYPE
K = Embossed taping reel
R = Paper taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
M = ±75 ppm/°C
F = ±100 ppm/°C
G = ±200 ppm/°C
(5) TAPING REEL
07 = 7 inch dia. Reel and standard power
7W = 7 inch dia. Reel and 2 x standard power
7T = 7 inch dia. Reel and 3 x standard power
(6) RESISTANCE VALUE
1 mΩ to 50 mΩ
There are 4~5 digits indicated the resistance value. Letter R is decimal point.
Detailed coding rules of resistance are shown in the table of “Resistance rule of
global part number”.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)
ORDERING EXAMPLE
The ordering code of a PR2512
chip resistor, value 0.005 X with
±1% tolerance, supplied in 7-inch
tape reel is: PR2512FKF070R005L.
Resistance rule of global part
number
Resistance code rule
Example
0RXXX
(1 to 50 mΩ)
0R05 = 50 mΩ
0R001 = 1 mΩ
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions
"Lead-Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of
GLOBAL PART NUMBER / 12NC can be added (both are on customer request)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com