Electronic Components Datasheet Search
  English  ▼

X  

AD5116 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 5 Page - Analog Devices

  AD5116 Datasheet HTML 1Page - Analog Devices AD5116 Datasheet HTML 2Page - Analog Devices AD5116 Datasheet HTML 3Page - Analog Devices AD5116 Datasheet HTML 4Page - Analog Devices AD5116 Datasheet HTML 5Page - Analog Devices AD5116 Datasheet HTML 6Page - Analog Devices AD5116 Datasheet HTML 7Page - Analog Devices AD5116 Datasheet HTML 8Page - Analog Devices AD5116 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD5116
Rev. B | Page 5 of 16
INTERFACE TIMING SPECIFICATIONS
VDD = 2.3 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Description
t
1
8
ms
Debounce time
t
2
1
sec
Manual to auto scan time
t
3
140
ms
Auto scan step
t
4
ASE = 0 V, PD = GND, PU = GND
1
sec
Auto save execute time
t
5
ASE = VDD
8
ms
Low pulse time to manual storage
t
EEPROM_PROGRAM
1
15
50
ms
Memory program time
t
POWER_UP
2
50
µs
Power-on EEPROM restore time
1 EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at a lower temperature and higher write cycles.
2 Maximum time after V
DD is equal to 2.3 V.
TIMING DIAGRAMS
PU
RW
t1
PD (LOW)
Figure 2. Manual Increment Mode Timing
PU
t1
t2
t3
PD (LOW)
RW
Figure 3. Auto Increment Mode Timing
PD
t1
t4
EEPROM
DATA
NEW DATA
tEEPROM
PROGRAM
RW
ASE (LOW)
Figure 4. Auto Save Mode Timing
PD/PU (LOW)
t5
EEPROM
DATA
NEW DATA
tEEPROM
PROGRAM
ASE
Figure 5. Manual Save Mode Timing
PD
t1
RW
RW = 45Ω
ASE
Figure 6. End Scale Indication Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com