Electronic Components Datasheet Search
  English  ▼

X  

AD5174 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5174
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5174 Datasheet HTML 5Page - Analog Devices AD5174 Datasheet HTML 6Page - Analog Devices AD5174 Datasheet HTML 7Page - Analog Devices AD5174 Datasheet HTML 8Page - Analog Devices AD5174 Datasheet HTML 9Page - Analog Devices AD5174 Datasheet HTML 10Page - Analog Devices AD5174 Datasheet HTML 11Page - Analog Devices AD5174 Datasheet HTML 12Page - Analog Devices AD5174 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5174
Rev. B | Page 9 of 20
VDD/VSS = 5V/0V
–50
–45
–35
–40
–30
–25
–20
–15
–10
–5
0
1
10M
1M
100k
10k
1k
100
10
FREQUENCY (Hz)
0x040
0x020
0x010
0x008
0x004
0x002
0x001
0x200
0x100
0x080
Figure 13. Bandwidth vs. Frequency vs. Code
0
–120
–100
–80
–60
–40
–20
10
100
1k
10k
100k
FREQUENCY (Hz)
1M
VDD/VSS = ±2.5V
CODE = HALF SCALE
fIN = 1V rms
NOISE BW = 22kHz
Figure 14. THD + N vs. Frequency
0
–100
–80
–60
–40
–20
0.001
0.01
0.1
1
AMPLITUDE (V rms)
10k
Ω
VDD/VSS = ±2.5V
CODE = HALF SCALE
fIN = 1kHz
NOISE BW = 22kHz
Figure 15. THD + N vs. Amplitude
–20
–25
–30
–35
–40
–45
–50
–55
–60
10
100
1M
100k
10k
1k
FREQUENCY (Hz)
VDD/VSS = 5V/0V
CODE = HALF SCALE
Figure 16. PSRR vs. Frequency
4
5
6
7
8
TIME (Seconds)
0.07
0.09
0.11
0.13
0.15
0.17
Figure 17. VEXT_CAP Waveform While Writing Fuse
20
–70
–60
–50
–40
–30
–20
–10
0
10
–2
4
2
0
TIME (µs)
VDD/VSS = ±2.5V
IAW = 200µA
Figure 18. Maximum Glitch Energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com