Electronic Components Datasheet Search
  English  ▼

X  

TDA3603 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3603
Description  Multiple voltage regulator with switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3603 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3603 Datasheet HTML 1Page - NXP Semiconductors TDA3603 Datasheet HTML 2Page - NXP Semiconductors TDA3603 Datasheet HTML 3Page - NXP Semiconductors TDA3603 Datasheet HTML 4Page - NXP Semiconductors TDA3603 Datasheet HTML 5Page - NXP Semiconductors TDA3603 Datasheet HTML 6Page - NXP Semiconductors TDA3603 Datasheet HTML 7Page - NXP Semiconductors TDA3603 Datasheet HTML 8Page - NXP Semiconductors TDA3603 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Aug 15
2
Philips Semiconductors
Product specification
Multiple voltage regulator with switch
TDA3603
FEATURES
General
• One V
P state controlled regulator (regulator 2)
• Regulator 2, reset and ignition buffer operate during
load dump and thermal shutdown
• One control pin for switching regulator 1 and the power
switch
• Supply voltage range of −18 to +50 V (operating
from 9.75 V)
• Low reverse current of regulator 2
• Low quiescent current (when regulator 1, power switch
and ignition input are switched off, standby)
• Ignition input/output
• Reset output
• High ripple rejection
• Power switch.
Protections
• Reverse polarity safe (down to −18 V without high
reverse current)
• Able to withstand voltages up to 18 V at the outputs
(supply line may be shortened)
• ESD protected on all pins
• Thermal protection
• Load dump protection
• Foldback current limit protection for regulators 1 and 2
• Delayed second current limit protection for the power
switch
• The regulator outputs and the power switch are DC
short-circuited safe to ground and VP.
GENERAL DESCRIPTION
The TDA3603 is a multiple output voltage regulator with a
power switch, intended for use in car radios with or without
a microcontroller.
It contains one fixed voltage regulator with a foldback
current protection (regulator 1) and one fixed voltage
regulator (regulator 2), intended to supply a
microcontroller, that also operates during load dump and
thermal shutdown.
There is a power switch with protections, operated by the
enable input.
The reset and ignition outputs can be used to interface by
the microcontroller. The reset signal can be used to call up
the microcontroller and the ignition output indicates
ignition voltage available.
The supply pin can withstand load dump pulses and
negative supply voltages.
Regulator 2 will be switched on at a supply voltage >6.5 V
and off at a voltage of regulator 2 <1.9 V.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3603
SIL9MPF
plastic single in-line medium power package with fin; 9 leads
SOT110-1
TDA3603P
HDIP18
plastic heat-dissipating dual in-line package; 18 leads
SOT398-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com