Electronic Components Datasheet Search
  English  ▼

X  

TDA3606 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3606
Description  Multiple voltage regulator with battery detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3606 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3606 Datasheet HTML 4Page - NXP Semiconductors TDA3606 Datasheet HTML 5Page - NXP Semiconductors TDA3606 Datasheet HTML 6Page - NXP Semiconductors TDA3606 Datasheet HTML 7Page - NXP Semiconductors TDA3606 Datasheet HTML 8Page - NXP Semiconductors TDA3606 Datasheet HTML 9Page - NXP Semiconductors TDA3606 Datasheet HTML 10Page - NXP Semiconductors TDA3606 Datasheet HTML 11Page - NXP Semiconductors TDA3606 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Jun 16
8
Philips Semiconductors
Product specification
Multiple voltage regulator with battery
detection
TDA3606
TEST AND APPLICATION INFORMATION
Test information
Fig.5 Test circuit.
(1) Capacitor not required for stability.
handbook, full pagewidth
MGB808
reset 1 output
reset 2 output
1 k
Ω
battery output voltage
RL(RES1)
1 k
Ω
RL(RES2)
1 k
Ω
RL(bat)
6
7
5
2
3
8
4
TDA3606
GND
VP
VP
VC
battery input voltage
1
VI(bat)
(1)
regulator output
10
µF
10
µF
10
µF
1 k
Ω .. 0.5 Ω
RL(REG)
Application information
NOISE
The noise at the output of the regulator depends on the
bandwidth of the regulator, which can be adjusted by
means of the output capacitor. In Table 1 the noise figures
are given.
Table 1
Noise figures
Note
1. Measured at a bandwidth of 10 Hz to 100 kHz.
The noise on the supply line depends on the value of the
supply capacitor and is caused by a current noise (output
noise of the regulator is translated into a current noise by
means of the output capacitor). When a high frequency
capacitor of 220 nF in parallel with an electrolytic capacitor
OUTPUT
CURRENT
IO (mA)
NOISE FIGURE (
µV)(1)
AT OUTPUT CAPACITOR CL (µF)
10
47
100
0.5
58
50
45
50
250
200
180
of 100
µF is connected directly to pins 8 and 4 (supply and
ground) the noise is minimized.
STABILITY
The regulator is stabilized by means of the output
capacitor. The value of the output capacitor can be
selected using the diagram shown in Fig.6. The following
two examples show the effects of the stabilization circuit
using different values for the output capacitor.
Example 1
The regulator is stabilized using an electrolytic output
capacitor of 68
µF (ESR = 0.5 Ω). At −40 °C the capacitor
value is decreased to 22
µF and the ESR is increased to
3.5
Ω. The regulator will remain stable at a temperature of
−40 °C.
Example 2
The regulator is stabilized using an electrolytic output
capacitor of 10
µF (ESR = 3.3 Ω). At −40 °C the capacitor
value is decreased to 3
µF and the ESR is increased to
23.1
Ω. The regulator will be instable at a temperature of
−40 °C. This can be solved using a tantalum capacitor of
10
µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com