Electronic Components Datasheet Search
  English  ▼

X  

DI-16 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-16
Description  57 W, 230 VAC, Multi-output Set-top Box Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-16 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-16 Datasheet HTML 1Page - Power Integrations, Inc. DI-16 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-16
TOPSwitch-GX 57 W, 230 VAC,
Multi-output Set-top Box Power Supply
December 2002
DI-16
®
Application
Set-top Box
TOP246Y
3.3 V / 5 V / 12 V / 18 V / 33 V
Power Output
43 W cont./57 W peak
Input Voltage
Output Voltage
Topology
Device
180-265 VAC
Flyback
Design Highlights
• High efficiency, >75% at 180 VAC
• Good cross-regulation with no linear regulators
• Line undervoltage detection (UV) and overvoltage (OV)
power system surge protection
•Meets CISPR22B/EN55022B conducted EMI limits
• Differential and common mode surge immunity to 4 kV
(EN61000-4-5)
• 100 kHz ring wave immunity to 4 kV (IEEE C62.41)
Key Design Points
•R1 (2 M
Ω, 0.5 W) sets UV at 100 VDC and OV at
450 VDC. A 0.5 W resistor is required to give a voltage
rating greater than 350 VDC.
• Integrated OV shut-down protects against long duration line
voltage surges (common in some countries). During shut-
down, the drain voltage does not exceed the DC input
voltage (drain does not switch), allowing the AC rail to
rise to 495 VAC (700 VDC BV
DSS rating)
without
damaging the TOPSwitch-GX.
• Transformer T1 is constructed using a slotted bobbin,
enabling automated transformer winding and assembly.
• The transformer turns ratio is optimized (including output
diode forward drops) to minimize the output voltage error
between the 3.3 V and 5 V outputs.
• Feedback is taken from both the 3.3 V and 5 V outputs to
the reference (U3) via R10, R11 and R13. Other output
voltages are set by the transformer turns ratio. The 12 V,
18 V, and 33 V outputs are DC-stacked on the 5 V output
for enhanced regulation and voltage centering. Pre-load
resistor R14 is required to maintain regulation of the 33 V
output when lightly loaded.
Figure 1. TOPSwitch-GX 60 W Set-top Box Output Power Supply.
®
D6
1N4148
D7
UF4003
D8
UF5402
D9
UF5402
D11
MBR1045
D10
BYV32-200
U3
TL431CLP
C20
22 µF
50 V
R7
150 Ω
R11
10 kΩ
1%
C19
0.1 µF
50 V
R10
9.53 kΩ
1%
R8
1 kΩ
C6
2.2 nF
Y1
C7
47 µF
50 V
C9
1000 µF
25 V
C11
390 µF
35 V
C13, C14
1000 µF
35 V
33 V, 0.03 A
18 V, 0.5 A
12 V,
0.6 A/1.8 A pk
5 V, 3.2 A
3.3 V, 3 A
RTN
D1-D4
1N4007V
1 A, 1000 V
F1
3.15 A
RV1
275 V
14 mm
L1
20 mH
0.8 A
t°
L
N
R3
6.8 Ω
C5
47 µF
16 V
U1
TOP246Y
DL
S
C
TOPSwitch-GX
R1
2 MΩ
1/2 W
R2
68 kΩ
2 W
R6
10 Ω
RT1
10 Ω
1.7 A
C2
68 µF
400 V
C5
1 nF
1 kV
C3
1 µF
50 V
C1
0.1 µF
X2
PI-3395-100102
CONTROL
CONTROL
R13
15 kΩ
1%
C3
0.1 µF
50 V
XF
D5
UF4005
C16, 17
1000 µF
35 V
C15
220 µF
16 V
C18
220 µF
16 V
C12
100 µF
25 V
R14
2.7 kΩ
0.5 W
C10
100 µF
25 V
C8
10 µF
50 V
L6
33 µH, 0.2 A
L3
3.3 µH, 5 A
L4
3.3 µH
5A
L5
3.3 µH
5A
R4
9.09 k
1%
180 - 265
VAC
D2
D1
D4
D3
VR1
P6KE200
T1
18
17
16
10
14, 15
11
3, 4
L2
3.3 µH, 5 A
L7
Bead
R15
10 Ω
C24
0.1 µF
50 V
R9
3.3 kΩ
1
5
8
9
U2
LTV817
12, 13
PERFORMANCE SUMMARY
Output Power:
45 W Cont./
57 W Peak
Regulation:
3.3 V:
± 5%
5 V:
± 5%
12 V:
± 7%
18 V:
± 7%
33 V:
± 8%
Efficiency:
≥75%
No-Load Consumption:
0.6 W


Similar Part No. - DI-16

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
DI-16TY-USB CONTEC-DI-16TY-USB Datasheet
157Kb / 3P
Digital Input Terminal for USB2.0
More results

Similar Description - DI-16

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-41 POWERINT-DI-41 Datasheet
68Kb / 2P
43 W, 100/115 VAC Multi-output Set-top Box Power Supply
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
SET-TOP BOX FILTERS
logo
Intersil Corporation
ISL9491 INTERSIL-ISL9491 Datasheet
334Kb / 13P
LNB Power Supply and Control for Satellite Set-Top Box
October 13, 2009
logo
Diodes Incorporated
ZLPM8010 DIODES-ZLPM8010 Datasheet
64Kb / 3P
SET-TOP BOX SERIES SINGLE LNB CONTROLLER AND POWER SUPPLY IC
Rev 1
ZLPM8011 DIODES-ZLPM8011 Datasheet
76Kb / 3P
SET-TOP BOX SERIES SINGLE LNB CONTROLLER AND POWER SUPPLY IC
Rev 1
ZLPM8012 DIODES-ZLPM8012 Datasheet
61Kb / 3P
SET-TOP BOX SERIES SINGLE LNB CONTROLLER AND POWER SUPPLY IC
Rev 1
logo
Intersil Corporation
ISL9491ERZ INTERSIL-ISL9491ERZ Datasheet
354Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
August 12, 2015
logo
Diodes Incorporated
ZLPM8014 DIODES-ZLPM8014 Datasheet
121Kb / 3P
SET-TOP BOX SERIES LNB CONTROLLER AND POWER SUPPLY IC
Rev 1
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
Set-top box
18-May-2011
logo
Renesas Technology Corp
ISL9491 RENESAS-ISL9491 Datasheet
663Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com