Electronic Components Datasheet Search
  English  ▼

X  

DI-17 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-17
Description  17 W, PC Standby
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-17 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-17 Datasheet HTML 1Page - Power Integrations, Inc. DI-17 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-17
TOPSwitch-GX
17 W, PC Standby
Design Highlights
•Meets Blue Angel efficiency requirements providing output
power of 3.9 W with 5 W input power
• Input undervoltage (UV) detect eliminates power-up/down
output glitches
• 132 kHz switching frequency allows small, low cost EEL19
based transformer to deliver 17 W
• Regulation derived from 3.3 V and 5 V outputs ensuring
±5%
regulation on both outputs
• 15 V output for primary side circuitry
• Primary soft-start minimizes start-up component stresses
Operation
The design in Figure 1 utilizes the TOP242Y and takes advantage
of many of the device’s features. Input UV is set at 195 VDC
using a single 3.9 M
Ω resistor (R1). On increasing input
voltage, the supply is disabled until 195 VDC is reached (this
threshold is typically the lowest operating DC input voltage
for a PC main power supply with a doubler input
configuration). On decreasing input voltage the supply
continues to operate until regulation is lost, even if this is
below the UV threshold. Once regulation is lost the input
voltage has to exceed the UV threshold again before the
supply is enabled.
During the first 10 ms of operation internal soft-start is
enabled. The duty cycle is linearly increased from 0% to
78% and the current limit from 70% to 100%, lowering
stresses on the internal power MOSFET, clamp and output
rectifier. Diode D1 and Zener VR1 are used to clamp the
leading-edge drain-voltage spikes caused by transformer
leakage inductance. At light load, a Zener clamp provides
November 2002
DI-17
Figure 1. TOPSwitch-GX 17 W PC Standby.
Application
PC Standby
TOP242Y
3.3 V / 5 V
Power Output
17 W
Input Voltage
Output Voltage
Topology
Device
200-375 VDC
Flyback
®
D
S
C
L
F
X
CONTROL
3.3 V, 2 A
D2
BAV21
T1
C8
4.7 µF
10 V
C11
100 µF
10 V
C5
47 µF
* Optional
U2
LTV817
U3
TL431
C7
0.33 µF
R6
300 Ω
R9
16.2 kΩ
1%
D1
UF4005
VR1
BZY97C-200
U1
TOP242Y
TOPSwitch-GX
R7
510 Ω
C1*
0.01 µF
1 kV
C6
1 µF
50 V
D4
SB540
D3
SB540
5 V, 2 A
C12
1000 µF
10 V
C10
1000 µF
10 V
CY1
1 nF
RTN
15 V, 30 mA
R5
6.8 Ω
R1
3.9
MΩ
L2
10 µH
L1
10 µH
R10
12.1 kΩ
1%
R11
10 kΩ
1%
C13
100 µF
10 V
C2
0.1 µF
PI-2963-092402
+V
IN
200 - 375 VDC
(primary
referenced)
1
2
5
7,8
6
3
4


Similar Part No. - DI-17

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-101 POWERINT-DI-101 Datasheet
240Kb / 2P
Under-Voltage with Wide Hysteresis
DI-102 POWERINT-DI-102 Datasheet
242Kb / 2P
Lowered Overvoltage for Power over Ethernet (PoE)
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
More results

Similar Description - DI-17

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD7 POWERINT-RD7 Datasheet
134Kb / 12P
PC Standby Reference Design Board 90 to 375 VDC Input, 3.5 W Output
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
15W PC Standby power supply
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
21 W Standby Power Supply using TNY280P
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
40 W 40 W stereo amplifier with mute and standby
29-Feb-2012
logo
Bourns Electronic Solut...
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
logo
Protech Systems Co., Lt...
PPC-7525 PROTECHSYSTEMS-PPC-7525 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
PPC-7527 PROTECHSYSTEMS-PPC-7527 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
logo
DFI Inc
TPC170 DFI-TPC170 Datasheet
3Mb / 4P
17 Heavy Industrial Touch Panel PC
logo
Lite-On Technology Corp...
PA-1181-10AC LITEON-PA-1181-10AC Datasheet
447Kb / 3P
PC Power Supply TFX Series 12V without Standby
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com