Electronic Components Datasheet Search
  English  ▼

X  

DI-18 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-18
Description  Low Cost 2.75 W CV/CC Charger or Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-18 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-18 Datasheet HTML 1Page - Power Integrations, Inc. DI-18 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-18
LinkSwitch Low Cost 2.75 W
CV/CC Charger or Adapter
September 2002
DI-18
Application
Charger/Adapter
LNK501
5.5 V
Power Output
2.75 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Design Highlights
• Replaces a linear transformer based supply at the same or
lower cost but with much higher performance
• <0.3 W consumption at zero load meets worldwide guidelines
(EC’s 0.3 W, USA’s 1 W for example)
• Extremely simple circuit – only 17 components (14 with
integrated bridge) for production-worthy design
• Primary based CV/CC output – no secondary sense
components required
•
±10% output voltage and ±20% output current tolerances at
peak power point
• Fully protected for thermal, short circuit and open loop faults
• >70% efficiency
•Meets CISPR22B/EN55022B and FCC B EMI limits
•Meets 2.5 kV EN61000-4-5 differential surge
• Ultra-low leakage current design <5
µA
• EE13 core for low cost and small size
Operation
The AC input is rectified and filtered by D1-D4, C1 and C2.
Conducted EMI filtering is provided both by a
π filter (C1, L1
and C2) and a differential filter (RF1 and C1). Together with
a shield in the transformer (formed from part of the primary) the
design meets conducted EMI limits with no Y-capacitor between
primary and secondary. Resistor RF1 also functions as a fuse.
Figure 1. LinkSwitch 2.75 W Charger Power Supply: 85 VAC to 265 VAC Input, 5.5 V, 0.5 A Output
LinkSwitch derives all feedback information from the primary.
During output diode conduction, the output voltage
transformed through the turns ratio is sampled and held by
C4. The feedback voltage across C4 (V
OR) is converted into
feedback current by R1 and fed into the CONTROL pin. This
feedback current regulates the output by PWM control during
CV operation, and by reducing the internal current limit
during CC operation. Below an output voltage of ~2 V
LinkSwitch enters auto-restart, limiting average output current
to <50 mA. The nominal transition from CV to CC occurs at
5.5 V, 0.5 A. The output envelope characteristic and
specification limits are shown in Figure 2.
Together with D5, C4 and R1 are also part of the primary
clamp, limiting the peak drain to source voltage due to
leakage inductance. Resistor R2 filters the leading edge
leakage inductance spike, reducing the error in the feedback
voltage. The CONTROL pin capacitor C3 provides energy
storage for supply startup and sets auto-restart timing during
fault conditions.
Key Design Points
• Select transformer turns ratio to give a V
OR of 40-60 V.
Lower values reduce power capability, higher values
increase no-load consumption.
• R1 provides 2.3 mA into the CONTROL pin at the
peak power point at 85 VAC. The value can be
adjusted to center the output voltage.
®
C1
4.7 µF
400 V
C2
4.7 µF
400 V
C3
0.22 µF
50 V
L1
1 mH
R1
20.5 kΩ
1%
R2
100 Ω
D5
1N4937
C4
0.1 µF
100 V
D6
11DQ06
1A, 60 V
C5
470 µF
10 V
U1
LNK501
LinkSwitch
5.5 V, 0.5 A
RTN
RF1
10 Ω 1 W
Fusible
D1, D2, D3, D4
1N4005 X 4
104 T
34 AWG
12 T
2 x 30 AWG
EE13
LP=2.55 mH
15 T
30 AWG
T.I.W.
T1
3
4
1
5
6
PI-3364-091602
D
S
C
85 - 265 VAC


Similar Part No. - DI-18

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-101 POWERINT-DI-101 Datasheet
240Kb / 2P
Under-Voltage with Wide Hysteresis
DI-102 POWERINT-DI-102 Datasheet
242Kb / 2P
Lowered Overvoltage for Power over Ethernet (PoE)
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
More results

Similar Description - DI-18

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK520 POWERINT-LNK520 Datasheet
847Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
LNK500GN POWERINT-LNK500GN Datasheet
835Kb / 10P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com