Electronic Components Datasheet Search
  English  ▼

X  

DI-20 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-20
Description  145 W PC Main ATX Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-20 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-20 Datasheet HTML 1Page - Power Integrations, Inc. DI-20 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-20
TOPSwitch-GX
145 W PC Main ATX Supply
December 2002
DI-20
®
Application
PC Main
TOP247
3.3 V / 5 V / 12 V
Power Output
145 W
Input Voltage
Output Voltage
Topology
Device
90-130 VAC / 180-265 VAC
Forward
Design Highlights
• 145 W cont. (160 W peak) in PC ATX form factor
• TOPSwitch-GX integrated features enable extremely low
component count
•Meets 1 W standby spec. (0.91 W input 0.5 W output)
• High efficiency (71% minimum)
• Integrated line undervoltage and overvoltage detection
• Low EMI due to frequency jitter
• SOURCE referenced TO-220 tab lowers conducted EMI
•Maximum duty cycle (DC
MAX) reduction prevents transformer
saturation for fault and transient loads
• Uses conventional magamp for 3.3 V output
•Meets CISPR22B/EN55022B conducted EMI
Operation
TOPSwitch-GX integrates many features designed for use with
forward converters. Transistors Q4, Q6, R1, R2, R3, R5 and R6
form an active capacitor (C2, C3) balancing circuit, operating
Figure 1. 145 W (160 W pk.) PC Main Power Supply Schematic (Note: Schematic does not include transformer Y-capacitor).
only as needed to minimize zero-load power consumption.
Resistors R3, R5 and R6 implement start-up undervoltage
lockout, which prevents the supply from starting below
180 VDC. Components R4, R14, Q1 and R30 implement an
independent undervoltage using the X pin, which allows the
supply to continue delivering power all the way down to
140 VDC (increasing hold-up time). Resistor R7 provides
additional hysteresis.
The primary side components D1, VR3-5 and C4, along with
secondary side C9 and R30, implement the Zener/capacitor
reset/clamp circuit. This circuit provides reset voltage for the
transformer and clamps the DRAIN pin voltage to a safe level
(<~600 V) under all conditions.
The reset circuit works in conjunction with the DC
MAX
reduction circuit (R8, R36, C22, VR19 and D18) to limit the
maximum duty cycle and prevent transformer saturation
under fault and transient conditions.
®
C13
220 µF
63 V
C3
330 µF
200 V
C2
330 µF
200 V
LG
N
RTN
+5 V
+12 V
R20
270 kΩ
R16
1 kΩ
U5
TL431
D
S
C
L
F
X
CONTROL
R19
4.12 kΩ
1%
F1
4 A
RV1
275 V, 14 mm
R10
560 K
1/2 W
CX2
0.33 µF
250V
CY4
2.2 nF
(Safety)
RT1
10 Ω
CY3
2.2 nF
(Safety)
JP9
CX1
0.047 µF
250 VAC
L7
8.2 mH
BR1
KBL06
To AC Selector
Switch
R1
330 kΩ
R2
330 kΩ
R3
2.2 MΩ
R5
180 kΩ
R6
2.2 MΩ
R8
130 kΩ
1%
R14
75 kΩ
R12
12 kΩ
R30
3.3 kΩ
Q1
2N3908
C22
100 pF
50 V
C10
1 nF
50 V
C20
330 pF
50 V
D7
MBR3045
R36
43.2 kΩ
1%
R13
10 Ω
D18
BAV20
VR19
1N5229
R4
2.2 MΩ
R7
560 kΩ
R11
300 Ω
Coupled
choke
L1
13 µH
R30
1 Ω
1 W
D8
MBR6045
C9
47 nF
50 V
C12
2200 µF
6.3 V
C11
1000 µF
16 V
L2
0.5 µH
U2
SFH615A-2
R17
15 kΩ
C16
100 nF
50 V
D6
BAV20
C8
0.033 µF
50 V
R9
47 Ω
C6
47 µF
16 V
C7
100 nF
50 V
D105
1N4148
Remote
ON/OFF
R38
5.1 kΩ
U3
LTV817
R37
10 kΩ
R106
27 kΩ
+12 V STBY
C23
33 nF
50 V
VR3
BZY97C-
200
C4
2.2 nF
1 kV
VR4
BZY97C-
180
VR5
BZY97C-
180
C5
1 µF
100 V
TO
MAGAMP
(3.3 V)
R18
4.74 kΩ
1%
R15
1.8 kΩ
C17
100 nF
50 V
Q7
2N3904
PI-3165-120902
TOPSwitch-GX
U1
TOP247
1
5
13
14
11,12
8, 9
3
7
3
4
1, 2
5, 6
D1
1N5407
Q4
MPSA42
Q6
MPSA92
R21
270 Ω


Similar Part No. - DI-20

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
DI-23 POWERINT-DI-23 Datasheet
512Kb / 2P
10 W, Multi-output, High Speed Modem Power Supply
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
30 W DC-DC Converter with Synchronous Rectification
More results

Similar Description - DI-20

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
180 W PC Main SFX Supply
logo
Tumbler Technologies + ...
TMPC-300UP TRUMPOWER-TMPC-300UP Datasheet
72Kb / 1P
300W ATX PC Power Supply
TMPC-400 TRUMPOWER-TMPC-400 Datasheet
29Kb / 1P
400W ATX PC Power Supply
TMPC-500 TRUMPOWER-TMPC-500 Datasheet
72Kb / 1P
500W ATX PC Power Supply
logo
Lite-On Technology Corp...
PS-4801-6 LITEON-PS-4801-6 Datasheet
359Kb / 3P
PC Power Supply ATX Series
PS-5551-1 LITEON-PS-5551-1 Datasheet
349Kb / 3P
PC Power Supply ATX Series
PS-5751-1 LITEON-PS-5751-1 Datasheet
354Kb / 3P
PC Power Supply ATX Series
PS-5851-1 LITEON-PS-5851-1 Datasheet
354Kb / 3P
PC Power Supply ATX Series
PS-6301-09 LITEON-PS-6301-09 Datasheet
405Kb / 3P
PC Power Supply ATX Series
PS-8651-2 LITEON-PS-8651-2_V01 Datasheet
417Kb / 3P
PC Power Supply ATX Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com