Electronic Components Datasheet Search
  English  ▼

X  

DI-22 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-22
Description  70 W, 19 V External Laptop Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-22 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-22 Datasheet HTML 1Page - Power Integrations, Inc. DI-22 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-22
TOPSwitch-GX 70 W, 19 V
External Laptop Adapter
September 2002
DI-22
Figure 1. TOPSwitch-GX 70 W Laptop Adapter Schematic.
Application
Laptop Adapter
TOP249Y
19 V
Power Output
70 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
®
Design Highlights
• High efficiency: 84% at 85 VAC (with 50 ˚C external
ambient temperature)
• Low component count and high power density, 7 W/in.3
• Very compact design (4.1 in.
× 2.225 in. × 1.06 in.)
• No surface mount components required
• Low zero load power consumption, <370 mW at 115 VAC
• Approximately constant overload power with line voltage
• Line undervoltage detection (UV) and overvoltage (OV)
shutdown
• Low EMI - switching frequency jitter helps meet CISPR22B/
EN55022B limits
• Fully protected for overload, short circuit and thermal faults
Operation
The design utilizes a TOP249Y in a flyback converter
providing a 70 W output in a sealed enclosure at an external
ambient of 50 ˚C. Line UV and OV (100 V and 450 V,
respectively) are implemented using a single 2 M
Ω resistor
(R1). Undervoltage eliminates power-up/down glitches and
overvoltage provides line transient and long duration power
system surge protection. Resistor R10 programs the internal
current limit to 75% of nominal at the UV threshold. As a
function of input voltage the current limit is further reduced
by R9 to provide approximately constant overload power.
The larger TOPSwitch-GX selection reduces conduction
losses, raising efficiency (without circuit changes or increased
overload power) and permits a higher inductance design for
reduced primary RMS currents, further increasing efficiency.
PI-2691-033001
®
19 V, 3.6 A
TOP249Y
U1
U3
TL431
U2
PC817A
DL
SX
F
C
RTN
L2
820
µH
2 A
C6
0.1
µF
X2
F1
3.15 A
85-265 VAC
BR1
RS805
8 A 600 V
L3
75
µH
2 A
t
°
T1
C13
0.33
µF
400 V
C12
0.022
µF
400 V
C11
0.01
µF
400 V
RT1
10
Ω
1.7 A
CONTROL
CONTROL
TOPSwitch-GX
C1
150
µF
400 V
C5
47
µF
16 V
C3
820
µF
25 V
L1
200
µH
C2
820
µF
25 V
C14
0.1
µF
50 V
C4
820
µF
25 V
C10
0.1
µF
50 V
C9
4.7 nF 50 V
C8
0.1
µF
50 V
VR1
P6KE-
200
D2
MBR20100
C7 2.2 nF
Y1 Safety
D3
MBR20100
D4
1N4148
R11
2 M
Ω
1/2 W
R9
13 M
Ω
R8
4.7
Ω
R1
270
Ω
R2
1 k
Ω
R13
562
Ω
1%
R4
31.6 k
Ω
1%
R7
56 k
Ω
R10
20.5 k
Ω
R3
6.8
Ω
R6
4.75 k
Ω
1%
C15
1
µF
50 V
D1
UF4006
1
2
3
2
9
6
5
11
8


Similar Part No. - DI-22

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-23 POWERINT-DI-23 Datasheet
512Kb / 2P
10 W, Multi-output, High Speed Modem Power Supply
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
30 W DC-DC Converter with Synchronous Rectification
More results

Similar Description - DI-22

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EP11 POWERINT-EP11 Datasheet
1Mb / 46P
Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
logo
STMicroelectronics
EVL6699-90WADP STMICROELECTRONICS-EVL6699-90WADP Datasheet
217Kb / 5P
19 V - 90 W adapter with PFC for laptop computers based on the L6563H and L6699
02-Jul-2012
AN2521 STMICROELECTRONICS-AN2521 Datasheet
785Kb / 33P
19 V - 75 W laptop adapter with tracking boost PFC
24-Oct-2007
logo
Lite-On Technology Corp...
PA-1121-10 LITEON-PA-1121-10 Datasheet
286Kb / 3P
Laptop Power Adapter
PA-1131-26 LITEON-PA-1131-26 Datasheet
310Kb / 3P
Laptop Power Adapter
PA-1131-76 LITEON-PA-1131-76 Datasheet
310Kb / 3P
Laptop Power Adapter
PA-1151-08 LITEON-PA-1151-08 Datasheet
287Kb / 3P
Laptop Power Adapter
PA-1181-28 LITEON-PA-1181-28 Datasheet
289Kb / 3P
Laptop Power Adapter
PA-1231-16 LITEON-PA-1231-16 Datasheet
298Kb / 3P
Laptop Power Adapter
PA-1900-88TA LITEON-PA-1900-88TA Datasheet
336Kb / 3P
Laptop Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com