Electronic Components Datasheet Search
  English  ▼

X  

DI-23 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-23
Description  10 W, Multi-output, High Speed Modem Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-23 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-23 Datasheet HTML 1Page - Power Integrations, Inc. DI-23 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-23
TOPSwitch-GX 10 W, Multi-output,
High Speed Modem Power Supply
December 2004
DI-23
®
Application
High Speed Modem
TOP243P
3.3 V / 5 V / 30 V
Power Output
10 W
Input Voltage
Output Voltage
Topology
Device
85-264 VAC
Flyback
Figure 1. TOP243P – 10 W, 3.3 V at 1.5 A, 5 V at 0.9 A, 30 V at 0.03 A, High Speed Modem Power Supply.
Design Highlights
• Compact low cost design (113 mm
× 39 mm × 25 mm) with
only 46 parts
• Meets Blue Angel no-load power consumption
• Line undervoltage protection prevents turn-off output
glitches and overvoltage protection provides extended line
surge protection
• Hysteretic thermal shutdown provides automatic fault
recovery
• Frequency jittering dramatically reduces EMI and meets
EN550022 Class B without Y1 capacitor
• Ultra low leakage current (<1
µA at 265 VAC) eliminates
audio hum in voice applications
• Surge immunity to 4 kV (EN61000-4-5)
• High efficiency >70%
Operation
TOP243P (DIP package) is shown in Figure 1. The power
supply utilizes many TOPSwitch-GX features such as frequency
jittering, input voltage sense, thermal shutdown, internal current
limit, soft-start, etc. without adding any extra components.
Typical applications are wall mount adapters, set-top box, high-
speed modem, standby power supplies, and other applications
requiring
very
low
cost,
small
size,
and
low
no-load input power consumption.
The example discussed here passes EMI conducted and radiated
emissions tests without using a Y1 capacitor between primary
and secondary. This is possible with the frequency jittering
feature of TOPSwitch-GX and careful transformer construction.
Shield windings are used in the transformer to reduce common
mode EMI currents. Transformer specifications are given in
Table 1.
Good cross-regulation of output voltages is achieved by careful
transformer construction and using a TL431 voltage regulator
instead of a Zener regulator.
The power supply uses a low cost RCD clamp with a slow
1N4007GP diode, which reduces EMI emissions and recycles
leakage energy, increasing efficiency. Input line sensing prevents
reverse conduction of current in TOPSwitch-GX at very low
input voltages due to the 1N4007GP in the RCD clamp.
PI-3366-120704
C1
33 µF
400V
R6
100 Ω
D5
1N4007GP
D
S
C
CONTROL
M
D7
UF4003
D9
SB540
L4
10 µH
L2
3.3 µH
L3
3.3 µH
C6
820 µF
16 V
C14
1 µF
50 V
R6
75 Ω
U3
LM431BCZ
1%
C10
0.1 µF
R12
10 kΩ
1%
R10
15.4 kΩ
1%
C10
10 µF
50 V
C7
820 µF
16 V
C9
150 µF
6.3 V
0.03 A, 30 V
0.9 A, 5 V
1.5 A, 3.3 V
RTN
R4
6.8 Ω
C3
47 µF
10 V
TOPSwitch-GX
R2
2 MΩ
R1
150 kΩ
0.5 W
U1
TOP243P
T1
EE25
1
2
D6
1N4148
C13
2.2 nF
C11
0.1 µF
D8
SB360
R8
10 Ω
5
4
7
6
9
10
R5
10 Ω
C5
820 µF
16 V
C4
47 µF
50 V
C8
100 µF
10 V
U2
LTV817A
R7
1 kΩ
R11
10 kΩ
1%
R13
12 kΩ
D1-D4
1N4007
1 A, 1000 V
F1
3.15 A
L1
20 mH
0.8 A
L
N
C15
0.1 µF
250 VAC
X2
85 - 265
VAC
C2
1 nF
1 kV


Similar Part No. - DI-23

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
30 W DC-DC Converter with Synchronous Rectification
More results

Similar Description - DI-23

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
Multi Output Power Supply Regulator
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
Multi-Output Power-Supply Controller
03-Apr-00
logo
Power Integrations, Inc...
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
10.5 W Multi Output Isolated Power Supply using TNY267P
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
10 W Power Supply using DPA423P
DI-16 POWERINT-DI-16 Datasheet
67Kb / 2P
57 W, 230 VAC, Multi-output Set-top Box Power Supply
logo
CUI INC
VDRS-10 CUI-VDRS-10 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
logo
Vishay Siliconix
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
SMBus Multi-Output Power-Supply Controller
16-May-11
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com