Electronic Components Datasheet Search
  English  ▼

X  

TDA3608Q Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3608Q
Description  Multiple voltage regulator with switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608Q Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3608Q Datasheet HTML 4Page - NXP Semiconductors TDA3608Q Datasheet HTML 5Page - NXP Semiconductors TDA3608Q Datasheet HTML 6Page - NXP Semiconductors TDA3608Q Datasheet HTML 7Page - NXP Semiconductors TDA3608Q Datasheet HTML 8Page - NXP Semiconductors TDA3608Q Datasheet HTML 9Page - NXP Semiconductors TDA3608Q Datasheet HTML 10Page - NXP Semiconductors TDA3608Q Datasheet HTML 11Page - NXP Semiconductors TDA3608Q Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Aug 14
8
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3608Q
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; see Fig.6; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
operating
9.5
14.4
18
V
regulator 2 on
note 1
2.4
14.4
18
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms; tr ≥ 2.5 ms
−−
50
V
Iq
quiescent supply current
VP = 12.4 V; note 2;
IREG2 = 0.1 mA
−
500
600
µA
VP = 14.4 V; note 2;
IREG2 = 0.1 mA
−
520
−µA
Schmitt trigger power supply for regulator 1, regulator 3 and power switch
Vthr
rising threshold voltage
4.0
4.5
5.0
V
Vthf
falling threshold voltage
3.5
4.0
4.5
V
Vhys
hysteresis voltage
−
0.5
−
V
Schmitt trigger for regulator 2
Vthr
rising threshold voltage
6.0
6.5
7.1
V
Vthf
falling threshold voltage
1.7
1.9
2.2
V
Vhys
hysteresis voltage
−
4.6
−
V
Schmitt trigger for enable input (regulator 1, regulator 3 and power switch)
Vthr
rising threshold voltage
1.7
2.2
2.7
V
Vthf
falling threshold voltage
1.5
2.0
2.5
V
Vhys
hysteresis voltage
IREG =ISW = 1 mA
0.1
0.2
0.5
V
ILI
input leakage current
VEN =5V
1
5
10
µA
Schmitt trigger for reset
Vthr
rising threshold voltage of
regulator 2
VP rising; IREG1 =50mA;
note 3
−
VREG2 − 0.15
VREG2 − 0.075 V
Vthf
falling threshold voltage
of regulator 2
VP rising; IREG1 =50mA;
note 3
4.3
VREG2 − 0.35
−
V
Vhys
hysteresis voltage
0.1
0.2
0.3
V
Schmitt trigger for hold
Vthr
rising threshold voltage of
regulator 1
VP rising; note 3
−
VREG1 − 0.15
VREG1 − 0.075 V
Vthf
falling threshold voltage
of regulator 1
VP rising; note 3
9.2
VREG1 − 0.35
−
V
Vhys
hysteresis voltage
0.1
0.2
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com