Electronic Components Datasheet Search
  English  ▼

X  

TDA3608 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3608
Description  Multiple voltage regulator with switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3608 Datasheet HTML 1Page - NXP Semiconductors TDA3608 Datasheet HTML 2Page - NXP Semiconductors TDA3608 Datasheet HTML 3Page - NXP Semiconductors TDA3608 Datasheet HTML 4Page - NXP Semiconductors TDA3608 Datasheet HTML 5Page - NXP Semiconductors TDA3608 Datasheet HTML 6Page - NXP Semiconductors TDA3608 Datasheet HTML 7Page - NXP Semiconductors TDA3608 Datasheet HTML 8Page - NXP Semiconductors TDA3608 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Aug 14
4
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3608Q
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGK602
REGULATOR 2
REGULATOR 3
REGULATOR 1
13
12
5
TEMPERATURE
LOAD DUMP
PROTECTION
1
7
4
6
9
10
POWER SWITCH
BACK-UP SWITCH
BACK-UP CONTROL
&
&
&
GND
(14.4 V)
TDA3608Q
RES
REG2
REG3
REG1
(14.2 V/3 A)
(14.2 V/100 mA)
(5 V/100 mA)
(5 V/400 mA)
(8.5 V/600 mA)
SW
VP
ENSW
EN3
EN1
CRES
BU
HOLD
1 A after 10 ms
(short-circuit)
8
2
3
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com