Electronic Components Datasheet Search
  English  ▼

X  

TDA3609 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3609
Description  Multiple voltage regulator with switch and ignition buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3609 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3609 Datasheet HTML 9Page - NXP Semiconductors TDA3609 Datasheet HTML 10Page - NXP Semiconductors TDA3609 Datasheet HTML 11Page - NXP Semiconductors TDA3609 Datasheet HTML 12Page - NXP Semiconductors TDA3609 Datasheet HTML 13Page - NXP Semiconductors TDA3609 Datasheet HTML 14Page - NXP Semiconductors TDA3609 Datasheet HTML 15Page - NXP Semiconductors TDA3609 Datasheet HTML 16Page - NXP Semiconductors TDA3609 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Aug 15
13
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch and
ignition buffers
TDA3609JR
Notes
1. Minimum operating voltage, only if VP has exceeded 6.5 V.
2. The quiescent current is measured in the standby mode. So, the enable inputs of regulator 1, 3 and the power switch
are grounded and RL(REG2) = ∞ (see Fig.7).
3. The voltage of the regulator sinks as a result of a VP drop.
4. The rise and fall time is measured with a 10 k
Ω pull-up resistor and a 50 pF load capacitor.
5. The delay time depends on the value of the capacitor:
6. The drop-out voltage of regulators 1, 2 and 3 is measured between VP and REGn.
7. At current limit, IREGmn is held constant (see Fig.5 for behaviour of IREGmn).
8. The foldback current protection limits the dissipated power at short-circuit (see Fig.5).
9. The peak current of 300 mA can only be applied for short periods (t < 100 ms).
10. The drop-out voltage measured between BU and REG2.
11. The drop-out voltage of the power switch is measured between VP and SW.
12. The maximum output current of the switch is limited to 1.8 A when the supply voltage exceeds 18 V.
A test-mode is built-in. The delay time of the switch will be disabled when a voltage of VP + 1 V is applied to the
switch-enable input.
13. At short-circuit, Isc of the power switch is held constant to a lower value than the continuous current after a delay of
at least 10 ms. A test-mode is built-in. The delay time of the switch will be disabled when a voltage of VP +1V is
applied to the switch-enable input.
14. VIGN1out = LOW for VIGN1out > 1.2 V or VEN1 > 1.3 V or VEN3 > 1.3 V or VENSW > 1.3 V.
Ignition 2 buffer
VOL
LOW-level output voltage
IIGN2out = 0 mA
0
0.2
0.8
V
VOH
HIGH-level output voltage
IIGN2out = 0 mA
4.5
5.0
5.25
V
IOL
LOW-level output current
VIGN2out ≤ 0.8 V
0.45
0.8
−
mA
IOH
HIGH-level output current
VIGN2out ≥ 4.5 V
−0.45 −2.0
−
mA
ILO
output leakage current
(source)
VIGN1out =5V; VIGN1in =0V −−
1.0
µA
tPLH
LOW-to-HIGH
propagation time
VIGN2in rising from
1.7 V to 2.5 V
−−
500
µs
tPHL
HIGH-to-LOW
propagation time
VIGN2in falling from
2.5 V to 1.7 V
−−
500
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
t
d
C
I
ch
------
V
C(th)
×
C
750
10
3
×


×
ms
()
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com