Electronic Components Datasheet Search
  English  ▼

X  

TDA3616 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3616
Description  Multiple voltage regulator with battery detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3616 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3616 Datasheet HTML 4Page - NXP Semiconductors TDA3616 Datasheet HTML 5Page - NXP Semiconductors TDA3616 Datasheet HTML 6Page - NXP Semiconductors TDA3616 Datasheet HTML 7Page - NXP Semiconductors TDA3616 Datasheet HTML 8Page - NXP Semiconductors TDA3616 Datasheet HTML 9Page - NXP Semiconductors TDA3616 Datasheet HTML 10Page - NXP Semiconductors TDA3616 Datasheet HTML 11Page - NXP Semiconductors TDA3616 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2000 Jan 14
8
Philips Semiconductors
Objective specification
Multiple voltage regulator with battery
detection
TDA3616
Notes
1. Minimum operating voltage, only if VP has exceeded 7.5 V.
2. The quiescent current is measured in standby mode. Therefore, the battery input is connected to a low voltage
source and RL(REG) = ∞.
3. The voltage of the regulator sinks as a result of a supply voltage drop.
4. Only one band gap circuit is used as a reference for both regulator and Schmitt trigger for reset. Due to this a tracking
exists between the reset Schmitt trigger levels and the output voltage of the regulator.
5. The temperature coefficient of the internal resistor is 0.2%/K.
6. The delay time can be calculated with the following formula:
7. The battery output voltage will be equal or less than the output voltage of the regulator.
8. The drop-out voltage of the regulator is measured between VP and VREG.
9. At current limit, Il is held constant (behaviour according to dashed line in Fig.5).
10. The foldback current protection limits the dissipated power at short-circuit (see Fig.5).
11. The backup switch can deliver an additional current of 100 mA, guaranteed when the regulator is loaded with nominal
loads (IREG ≤ 150 mA).
Regulator (IREG = 5 mA; unless otherwise specified)
Vo
output voltage
0.5 mA
≤ IREG ≤ 150 mA;
7V
≤ VP ≤ 18 V; Tamb =25 °C
4.8
5.0
5.2
V
0.5 mA
≤ I
REG ≤ 150 mA;
7V
≤ V
P ≤ 18 V
4.75
5.0
5.25
V
IREG = 30 mA; 18 V ≤ VP ≤ 50 V;
load dump
4.75
5.0
5.25
V
Io
output current
VP > 25 V; load dump
−−
100
mA
∆V
LN
line voltage regulation
7 V
≤ V
P ≤ 18 V
−
350
mV
∆VL
load voltage regulation
0.5 mA
≤ IREG ≤ 150 mA;
Tamb =25 °C
−−
70
mV
0.5 mA
≤ IREG ≤ 150 mA
−−
85
mV
SVRR
supply voltage ripple rejection
fi = 200 Hz; Vi = 2 V (p-p); Io = 5 mA
55
60
−
dB
Vdrop
drop-out voltage
IREG = 150 mA; VP =5V;
Tamb =25 °C; note 8
−
0.6
1.0
V
IREG = 150 mA; VP = 5.5 V; note 8
−
0.9
1.2
V
Il
current limit
VREG > 4.5 V; VP > 10 V; note 9
0.25
0.6
1
A
Isc
short-circuit current
RL(REG) ≤ 0.5 Ω; Tamb =25 °C;
note 10
40
80
−
mA
Backup switch
IDC
DC continuous current
VBU > 5 V; note 11
0.1
0.2
−
A
Ir
reverse current
VP =0V; VBU = 12.4 V
−−
200
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
t
d
R
pu int
()
C
d
×
V
REG
V
REG
V
thr
–
()
-----------------------------------


ln
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com