Electronic Components Datasheet Search
  English  ▼

X  

68PR20LF Datasheet(PDF) 3 Page - Bi technologies

Part # 68PR20LF
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

68PR20LF Datasheet(HTML) 3 Page - Bi technologies

  68PR20LF Datasheet HTML 1Page - Bi technologies 68PR20LF Datasheet HTML 2Page - Bi technologies 68PR20LF Datasheet HTML 3Page - Bi technologies 68PR20LF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
1-53
Model 68
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches (.25mm)
Angular = ± 2 degrees
SIDE ADJUSTMENT (Inch/mm)
Schematic Diagram This Surface
Standard Marking This Surface
Max.
.245
6.22
Metal Adjustment Screw
.090/2.29 Dia. With
.020/0.51 Wide X
.025/0.64 Min. Depth
.375
± .015
9.53
± 0.38
.15
± .02
3.8
± 0.5
Terminal Pins (3)
Dia.
(3)
(2)
(1)
Min.
.32
± .02
8.1
± 0.5
.18
4.6
.375
± .015
9.53
± 0.38
.020
± .003
0.51
± 0.08
.060
± .015
1.524
± 0.38
.187
± .015
4.75
± 0.38
.045
± .015
1.14
± 0.38
.10
2.5
.10
2.5
Model 68X
STANDARD RESISTANCE VALUES, OHMS
10
200
5K
50K
500K
20
500
10K
100K
1Meg
50
1K
20K
200K
2Meg
100
2K
25K
250K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com