Electronic Components Datasheet Search
  English  ▼

X  

DI-28 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-28
Description  3 W Charger: <30 mW No-load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-28 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-28 Datasheet HTML 1Page - Power Integrations, Inc. DI-28 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-28
TinySwitch-II 3 W Charger:
<30 mW No-load Consumption
September 2002
DI-28
®
Application
Charger
TNY264P
5 V, 600 mA
Power Output
3 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Figure 1. TinySwitch-II 3.0 W Cell Phone Charger.
Design Highlights
• Less than 30 mW no-load power consumption (for
115/230 VAC input)
•Meets CISPR-22 Class B without Y capacitor
• Low cost, low component count solution
Operation
The TinySwitch-II flyback converter in Figure 1 generates a
constant voltage, constant current (CV/CC) 5 V,
600 mA output. Typical applications include wall-mounted
chargers for cell phones, PDAs and other battery powered
portable equipment.
The key performance characteristic of the circuit shown is the
extremely low no-load consumption of <30 mW. A linear
transformer charger of similar rating will typically consume
1 W to 4 W at no-load. At $0.12/kWh, the TinySwitch-II can
therefore reduce energy costs by $1 to $4 per year.
The no-load performance is achieved by using a transformer
bias winding as a low voltage source for TinySwitch-II operating
current. Even without this winding, a TinySwitch-II circuit will
consume <300 mW at no-load. However, by providing external
bias, the internal high voltage current source, which normally
powers the IC from the DRAIN pin, is disabled and a further
reduction in consumption is therefore achieved.
The bias winding should provide enough current to fully disable
the internal current source at no-load. Other load conditions
are not important as the device will be powered from the
DRAIN pin if bias is lost, allowing a simple flyback winding
to be used. Figure 2 shows that the bias winding and choice
of R2 should provide approximately 550
µA at no-load to
minimize consumption.
The circuit meets CISPR-22 Class B conducted EMI limits
without a Y capacitor and therefore has very low AC leakage
current. TinySwitch-II
frequency jitter, use of the bias
winding as a shield and capacitor C3 to soften leakage
inductance spikes combine to provide the EMI performance.
Key Design Points
• Design bias winding circuit to provide approximately
550
µA at no-load. Figure 2 shows the details.
•Minimize secondary circuit bias currents. Use low current
feedback Zeners for best tolerance. The very low bias
current in this design will provide approximately
±10%
output voltage tolerance. A precision reference (e.g.
TL431) can be used to reduce this if required.
• Design transformer with low reflected voltage to minimize
clamp losses. A bigger device (TNY266) may help to
further reduce V
OR.
•Wind transformer for lowest leakage inductance. Choose
wire gauges to completely fill winding layers.
•Winding transformer with tape between primary layers
further reduces intra-winding capacitance and no-load
consumption.
PI-3079-091402
D
S
BP
EN
85 - 265
VAC
RTN
N
L
+5 VDC
RF1
8.2
Ω
1.0 W
D1
1N4005
D2
1N4005
D3
1N4005
D4
1N4005
C1
4.7
µF
400 V
L1
1.0 mH
VR1
BZY97C200
C3
2.2 nF
1 kV
D5
1N4937
U1
TNY264P
L2
Bead
2.2
µH
C4
0.1
µF
50 V
U2
PC817A
D7 11DQ06
8T
24 AWG
105T
33 AWG
18
7
3
4
2
13T x2
31 AWG
D6 1N4148
C5
47
µF
16 V
R2
5.1 k
Ω
C6
470
µF
10 V
U2
R4
820
Ω
R5
2.7
Ω
2 W
R3
1.5 k
Ω
L3
Ferrite
Bead
VR3
BZX79B5V1
C7
100
µF
10 V
C2
4.7
µF
400 V
Q1
2N3906
TinySwitch-II
®


Similar Part No. - DI-28

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
DI-23 POWERINT-DI-23 Datasheet
512Kb / 2P
10 W, Multi-output, High Speed Modem Power Supply
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
More results

Similar Description - DI-28

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-27 POWERINT-DI-27 Datasheet
51Kb / 2P
3 W AC Adapter: <10 mW No-load Consumption
DI-33 POWERINT-DI-33 Datasheet
59Kb / 2P
Wide Range DVD Supply: <50 mW No-load Consumption
DI-43 POWERINT-DI-43 Datasheet
51Kb / 2P
30 W, Universal Input, 12 V Supply with <250 mW No-load
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
DI-122 POWERINT-DI-122 Datasheet
382Kb / 2P
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com