Electronic Components Datasheet Search
  English  ▼

X  

DI-30 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-30
Description  180 W PC Main SFX Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-30 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-30 Datasheet HTML 1Page - Power Integrations, Inc. DI-30 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-30
TOPSwitch-GX
180 W PC Main SFX Supply
December 2002
DI-30
®
Application
PC Main
TOP249Y
3.3 V / 5 V / 12 V / -12 V
Power Output
180 W
Input Voltage
Output Voltage
Topology
Device
90-130 VAC / 180-265 VAC
Forward
Design Highlights
• 180 W cont. (200 W peak) in PC SFX form factor
• Includes passive power factor correction (PFC)
• TOPSwitch-GX integrated features enable extremely low
component count
• Meets 1 W standby spec (0.91 W input, 0.5 W output)
• High efficiency (71% minimum)
• Integrated line undervoltage and overvoltage detection
• Low EMI due to frequency jitter
• SOURCE referenced TO-220 tab lowers conducted EMI
• Maximum duty cycle reduction (DC
MAX) prevents transformer
saturation for fault and transient loads
• Uses conventional magamp for 3.3 V output
• Meets CISPR22B/EN55022B conducted EMI
Operation
TOPSwitch-GX integrates many features designed for use with
forward converters. Passive power factor correction (PFC) is
implemented using inductors LPFC1 and LPFC2. Transistors
Q4, Q6, R1, R2, R3, R5, and R6 form an active capacitor (C2,
Figure 1. 180 W (200 W pk.) PC Main Power Supply Schematic (Note: Schematic does not include transformer Y-capacitor).
C3) balancing circuit, operating only as needed to minimize
zero-load power consumption.
Resistors R3, R5 and R6 implement start-up undervoltage
lockout, which prevents the supply from starting below
180 VDC. Components R4, R14, Q1 and R30 implement an
independent undervoltage using the X pin, which allows the
supply to continue delivering power all the way down to
140 VDC (increasing holdup time). Resistor R7 provides
additional hysteresis.
The primary side components D1, VR3-5 and C4, along with
secondary side C9 and R30, implement the Zener/capacitor
reset/clamp circuit. This circuit provides reset voltage for the
transformer and clamps the DRAIN pin voltage to a safe level
(<~600 V) under all conditions.
The reset circuit works in conjunction with the DC
MAX
reduction circuit (R8, R36, C22, VR19 and D18) to limit the
maximum duty cycle and prevent transformer saturation
under fault and transient conditions.
®
C13
220 µF
63 V
C3
470 µF
200 V
C2
470 µF
200 V
LG
N
RTN
+5 V
+12 V
R20
270 kΩ
R16
1 kΩ
U5
TL431
D
S
C
L
F
X
CONTROL
R19
4.12 kΩ
1%
F1
4 A
RV1
275 V, 14 mm
R10
560 K
1/2 W
CX2
0.33 µF
250V
CY4
2.2 nF
(Safety)
RT1
10 Ω
CY3
2.2 nF
(Safety)
JP9
CX1
0.047 µF
250 VAC
L7
8.2 mH
BR1
KBL06
To AC Selector
Switch
R1
330 kΩ
R2
330 kΩ
D1
1N5407
R3
2.2 MΩ
R5
180 kΩ
R6
2.2 MΩ
R8
130 kΩ
1%
R14
75 kΩ
R12
12 kΩ
R30
3.3 kΩ
Q1
2N3908
C22
100 pF
50 V
C10
1 nF
50 V
C20
330 pF
50 V
D7
MBR3045
R36
43.2 kΩ
1%
R13
10 Ω
D18
BAV20
VR19
1N5229
R4
2.2 MΩ
R7
560 kΩ
R11
300 Ω
Coupled
choke
L1
13 µH
R30
1 Ω
1 W
D8
MBR6045
C9
47 nF
50 V
C12
2200 µF
6.3 V
C11
1000 µF
16 V
L2
0.5 µH
U2
SFH615A-2
R17
15 kΩ
C16
100 nF
50 V
D6
BAV20
C8
0.033 µF
50 V
R9
47 Ω
C6
47 µF
16 V
C7
100 nF
50 V
D105
1N4148
Remote
ON/OFF
R38
5.1 kΩ
U3
LTV817
R37
10 kΩ
R106
27 kΩ
+12 V STBY
C23
33 nF
50 V
VR3
BZY97C-
200
C4
2.2 nF
1 kV
VR4
BZY97C-
180
VR5
BZY97C-
180
D20
UF4002
C5
1 µF
100 V
C27
330 pF
50 V
R11
330 Ω
LM
320
C25
1 µF
50 V
TO
MAGAMP OUT
(3.3 V)
- 12 V
R18
4.74 kΩ
1%
R15
1.8 kΩ
C17
100 nF
50 V
C24
330 µF
25 V
Q7
2N3904
PI-3384-120902
TOPSwitch-GX
U1
TOP249
2
1
13
14
11,12
8, 9, 10
4
3
4
5
1, 2
7, 8
3
6
Q6
MPSA92
Q4
MPSA42
R21
270 Ω
LPFC1
LPFC2


Similar Part No. - DI-30

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-31 POWERINT-DI-31 Datasheet
54Kb / 2P
5 V, 70 W DC-DC Converter with Synchronous Rectification
logo
Contec Co., Ltd
DI-32B-PE CONTEC-DI-32B-PE Datasheet
320Kb / 4P
Opto-Isolation Digital Input for PCI Express
DI-32GY CONTEC-DI-32GY Datasheet
238Kb / 3P
F&eIT Series Isolated Digital Input Module
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
Isolated Digital Input board for PCI Express
DI-32T-PE CONTEC-DI-32T-PE Datasheet
309Kb / 3P
Digital Input Board for PCI Express
More results

Similar Description - DI-30

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
logo
Integrated Device Techn...
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
PC MAIN CLOCK
logo
Sparkle Power Inc.
FSP250-60PLC SPI-FSP250-60PLC Datasheet
127Kb / 1P
250 Watts SFX ATX Power Supply
FSP300-60GHS SPI-FSP300-60GHS Datasheet
236Kb / 1P
300 Watts SFX Power Supply
FSP300-60GHS85 SPI-FSP300-60GHS85 Datasheet
239Kb / 1P
300 Watts SFX Power Supply
FSP350-60GHS85 SPI-FSP350-60GHS85 Datasheet
129Kb / 1P
300 Watts SFX Power Supply
FSP400-60GHS85 SPI-FSP400-60GHS85 Datasheet
240Kb / 1P
400 Watts SFX Power Supply
logo
Integrated Device Techn...
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
PC MAIN CLOCK
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
PC MAIN CLOCK
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
PC MAIN CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com