Electronic Components Datasheet Search
  English  ▼

X  

DI-42 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-42
Description  Non-isolated Flyback (Buck/Boost) Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-42 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-42 Datasheet HTML 1Page - Power Integrations, Inc. DI-42 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-42
TinySwitch Non-isolated Flyback
(Buck/Boost) Converter
September 2002
DI-42
®
Application
Appliances
TNY254P
12 V
Power Output
1.2 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Buck/Boost
Figure 1. TinySwitch – TNY254P, 1.2 W, 12 V 100 mA.
.
Design Highlights
• Lowest cost non-isolated flyback converter
• Inherently short circuit & thermal overload protected
• Excellent line and load regulation characteristics
• Operates at 85 ˚C, without forced cooling
•Meets EN61000-4-5 (2 kV line surge – simple
modification provides a 6 kV line surge withstand)
• Input AC line is fed directly to the output
• Available for prototyping in DAK-7
Circuit Features
This non-isolated Flyback (Buck-Boost) converter has been
implemented using a TinySwitch TNY254P, which minimizes
cost, PCB space and design time.
The most typical application for the circuit of Figure 1 is
powering a TRIAC drive and associated circuitry, in a consumer
or industrial appliance, having TRIAC controlled motors.
The combined voltage drops of Zener diode (VR1) and
optocoupler diode (U2) set the output voltage. Due to the digital
nature of the TinySwitch output voltage regulation scheme, the
current transfer ratio (CTR) of the optocoupler is not critical and
there is no analog control loop to compensate. The low
switching frequency under light and no-load conditions
provides very low power consumption
under these
conditions – see Figures 2 and 3.
Providing power for driving TRIACs normally requires the
output of the supply to be referenced to the input line as
shown in Figure 1. Therefore, only half-wave rectification
is used and the switch must be in the return or neutral side of
the primary switching circuit. In these applications, EMI
filtering is normally done at the system level and is therefore
not shown here.
The circuitry shown allows this converter to meet 2 kV surge
requirements according to IEC standards. To extend surge
withstand to 6 kV, an MOV must be added between the Line
input and the node where D3 connects to R2. Additionally,
D3 must be replaced with 100
Ω, 5 W surge-rated resistor
(See DAK-7 for details).
The high efficiency of this converter (see Figure 4) allows
the circuit to operate to very high ambient temperatures of up
to 85 ˚C, as sometimes specified in household appliances and
industrial applications.
®
+
SD
BP EN
R2
180 Ω, 3 W
Fusible
U2
85 - 265
VAC
L
N
+12 VDC
PI-3280-090502
TNY254P
TinySwitch
D3
1N4007
D1
1N4007
D2
UF4005
C1
6.8 uF
400 V
L1
1.5 mH
C3
220 uF
25 V
C2
0.1 uF
50 V
U2
SFH615-2
VR1
1N5342B


Similar Part No. - DI-42

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-40 POWERINT-DI-40 Datasheet
57Kb / 2P
2.5 V, 20 W DC-DC Converter with Synchronous Rectification
DI-41 POWERINT-DI-41 Datasheet
68Kb / 2P
43 W, 100/115 VAC Multi-output Set-top Box Power Supply
DI-43 POWERINT-DI-43 Datasheet
51Kb / 2P
30 W, Universal Input, 12 V Supply with <250 mW No-load
More results

Similar Description - DI-42

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN732 VISHAY-AN732 Datasheet
75Kb / 7P
Designing A High-Voltage Non-Isolated Buck-Boost Converter with the Si9121DY
04-May-00
SI9121 VISHAY-SI9121 Datasheet
98Kb / 9P
High-Voltage, Non-Isolated Buck-Boost Converter for ISDN Digital Phones
19-Apr-04
logo
Power Integrations, Inc...
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
3W Non-Isolated Buck-Boost Converter using LNK305P
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
0.5W Non-Isolated Buck-Boost Converter using the LNK302P
logo
Maxic Technology Corpor...
MT7842Y MAXIC-MT7842Y Datasheet
155Kb / 1P
Non-isolated APFC Buck-Boost LED Driver
MT7844Y MAXIC-MT7844Y Datasheet
155Kb / 1P
Non-isolated APFC Buck-Boost LED Driver
MT7845Y MAXIC-MT7845Y Datasheet
155Kb / 1P
Non-isolated APFC Buck-Boost LED Driver
logo
Recom International Pow...
RBBA3000 RECOM-RBBA3000 Datasheet
1Mb / 8P
Non-isolated buck/boost converter
logo
Vishay Siliconix
SI9121 VISHAY-SI9121_V01 Datasheet
154Kb / 10P
High-Voltage, Non-Isolated Buck-Boost Converter
19-Apr-04
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com