Electronic Components Datasheet Search
  English  ▼

X  

66PR2KLF Datasheet(PDF) 2 Page - Bi technologies

Part # 66PR2KLF
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

66PR2KLF Datasheet(HTML) 2 Page - Bi technologies

  66PR2KLF Datasheet HTML 1Page - Bi technologies 66PR2KLF Datasheet HTML 2Page - Bi technologies 66PR2KLF Datasheet HTML 3Page - Bi technologies 66PR2KLF Datasheet HTML 4Page - Bi technologies 66PR2KLF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Metal Adjustment Screw
.090
± .005/2.286 ± 0.127 Dia. With
.020
± .005/0.508 ± 0.127 Wide x
.025
± .005/0.635 ± 0.127 Min. Depth
Max.
Meniscus
(Typ)
.158
4.01
.03
0.76
.203
5.156
.18
4.57
Solderable
Terminal Pins (3)
Dia.
.021
± .003
0.533
± 0.076
Min.
Standoff,
.010
0.254
.187
± .015
4.750
± 0.381
.375
± .015
9.525
± 0.381
(2)
(1)
(3)
.062
± .015
1.575
± 0.381
.062
± .015
1.575
± 0.381
.10
2.54
.187
± .015
4.750
± 0.381
.10
2.54
.375
± .015
9.525
± 0.381
.10
2.54
Max.
Min.
Model 66P
SIDE ADJUSTMENT (Inch/mm)
TOP ADJUSTMENT (Inch/mm)
Schematic Diagram
This Surface
Max.
Standard Marking This Surface
.145
3.683
.375
± .015
9.525
± 0.381
.062
± .015
1.575
± 0.381
.060
± .015
1.524
± 0.38
.015
± .005
0.38
± 0.13
.20
5.08
Terminal Pins (3)
Solderable
Dia.
(3)
(2)
(1)
Min.
.18
4.57
.41
10.41
.021
± .003
0.533
± 0.076
.187
± .015
4.75
± 0.38
.100
± .015
2.540
± 0.381
.10
2.54
.10
2.54
0.05
1.25
Typ.
Metal Adjustment Screw
Dia. With
.090
± .005
2.286
± 0.127
Wide x
.020
0.51
Min. Depth
.025
0.635
Model 66W
Model 66
1-40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com