Electronic Components Datasheet Search
  English  ▼

X  

SN75276 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SN75276
Description  FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN75276 Datasheet(HTML) 1 Page - STMicroelectronics

  SN75276 Datasheet HTML 1Page - STMicroelectronics SN75276 Datasheet HTML 2Page - STMicroelectronics SN75276 Datasheet HTML 3Page - STMicroelectronics SN75276 Datasheet HTML 4Page - STMicroelectronics SN75276 Datasheet HTML 5Page - STMicroelectronics SN75276 Datasheet HTML 6Page - STMicroelectronics SN75276 Datasheet HTML 7Page - STMicroelectronics SN75276 Datasheet HTML 8Page - STMicroelectronics SN75276 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN75276
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
SLLS212B – SEPTEMBER 1995 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Bidirectional Transceiver With Fail-Safe
Receiver
D Meets or Exceeds the Requirements of ITU
Recommendation V.11
D Electrically Compatible With ANSI
Standards TIA/EIA-422-B and TIA/EIA-485-A
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D 3-State Driver and Receiver Outputs
D Individual Driver and Receiver Enables
D Wide Positive and Negative Input/Output
Bus Voltage Ranges
D Driver Output Capability... ±60 mA Max
D Thermal Shutdown Protection
D Driver Positive and Negative Current
Limiting
D Receiver Input Impedance...12 kΩ Min
D Receiver Input Sensitivity... –300 mV/0mV
D Operates From Single 5-V Supply
D Pin-to-Pin Compatible With SN75176A
description
The SN75276 differential bus transceiver is a monolithic, integrated circuit designed for bidirectional data
communication on multipoint bus transmission lines. It is designed for balanced transmission lines and is
electrically compatible with ANSI Standards TIA/EIA-422-B and TIA/EIA-485-A, and meets ITU
Recommendation V.11.
The fail-safe operation ensures a known level on the circuit output under bus fault conditions. The circuit
provides a high-level output under floating-line, idle-line, open-circuit, and short-circuit bus conditions (see
Function Tables).
The SN75276 combines a 3-state, differential line driver and a differential input line receiver, both of which
operate from a single, 5-V power supply. The driver and receiver have active-high and active-low enables,
respectively, that can be externally connected together to function as a direction control. The driver differential
outputs and the receiver differential inputs are connected internally to form differential input/output (I/O) bus
ports that are designed to offer minimum loading to the bus whenever the driver is disabled or
VCC = 0. These ports feature wide positive and negative common-mode voltage ranges making the device
suitable for party-line applications.
The driver is designed for up to 60 mA of sink or source current. The driver features positive- and
negative-current limiting and thermal shutdown for protection from line fault conditions. Thermal shutdown is
designed to occur at a junction temperature of approximately 150
°C. The receiver features a minimum input
impedance of 12 k
Ω.
The SN75276 can be used in transmission line applications employing the SN75172 and SN75174 quadruple
differential line drivers and SN75173 and SN75175 quadruple differential line receivers.
SN75276 is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - SN75276

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75207B TI-SN75207B Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207B TI2-SN75207B Datasheet
389Kb / 14P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
REVISED MARCH 1997
SN75207BD TI-SN75207BD Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BDE4 TI-SN75207BDE4 Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BN TI-SN75207BN Datasheet
364Kb / 12P
DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
More results

Similar Description - SN75276

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
Fail safe protection
18-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com