Electronic Components Datasheet Search
  English  ▼

X  

DI-43 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-43
Description  30 W, Universal Input, 12 V Supply with <250 mW No-load
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-43 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-43 Datasheet HTML 1Page - Power Integrations, Inc. DI-43 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-43
TOPSwitch-GX 30 W, Universal Input,
12 V Supply with <250 mW No-load
November 2002
DI-43
®
Application
Adapter
TOP244Y
12 V
Power Output
30 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Figure 1. TOPSwitch-GX 12 V, 30 W Universal Power Supply.
Design Highlights
• High efficiency (79% minimum)
• Low component count
• Excellent input no-load consumption <200 mW at 115 VAC
and <250 mW at 230 VAC input
• Rugged supply includes UV/OV shutdown, thermal and
short circuit protection with auto-recovery
• Comfortably meets EN55022B and CISPR22B conducted
EMI standards
• Overload power delivery at 265 VAC limited to 160% of
rated load
Operation
The TOPSwitch-GX integrates many features to implement low
cost, switched mode power supplies.
A single resistor (R1) implements input UV/OV protection
using the L pin (UV typ. 100 VDC; OV typ. 450 VDC). Resistor
R4 programs the U1 current limit to 85% of nominal, and
resistor R2 reduces this current limit as input voltage increases,
limiting the maximum overload power of the supply. The
reduced current limit allows continuous conduction mode
operation with a small transformer, reducing primary and
secondary peak currents, optimizing efficiency, and reducing
component stress.
Diode D1 and VR1 form a clamp circuit that absorbs leakage
inductance energy during normal operation, with Zener VR1
clamping the voltage to a safe level. Capacitor C2 diverts
some of the leakage energy from VR1, reducing its temperature
and increasing overall efficiency. After clamping, reverse
current flows through D1, recovering some of the clamp
energy. R3 limits the reverse current in D1 and improves
EMI by limiting drain voltage ringing.
Resistors R9 and R10 set the output voltage. Components
C10 and R8 provide compensation with R6 setting DC loop
gain. Using a TL431 error amplifier gives better regulation
and output voltage tolerance than a Zener reference and also
provides better no-load performance due to lower (1 mA)
bias current.
®
PI-3405-112702
D1
UF4005
D3
MBR10100
D2
1N4148
VR1
P6KE
200
C5
47
µF
10 V
C1
100
µF
400 V
U2
ISP817C
C10
47 nF
U1
TOP244Y
TOPSwitch-GX
3
R1
2 M
Ω
1/2 W
R5
6.8
Ω
R10
10 k
Ω
1%
R7
15 k
Ω
U3
TL431
R8
4.7 k
Ω
RTN
12 V, 2.5 A
1
6,7
9,10
5
4
L1
22 mH
F1
3.15 A
85-265 VAC
BR1
2 A, 600 V
CX1
220 nF
250 VAC
L
N
C6
680
µF
35 V
L2
3.3
µH
C3
1
µF
50 V
C7
2.2 nF
Y1
C12
470 pF
100 V
R11
33
Ω
1/4 W
C8
100
µF
35 V
D
S
C
L
F
X
CONTROL
R2
8.2 M
Ω
1/2 W
R4
8.25 k
Ω
1%
C4
100 nF
T1
C2
4.7 nF
1 kV
R3
47
Ω
1/2 W
C7
680
µF
35 V
D4
1N4148
R6
1 k
Ω
C11
10
µF
35 V
R9
38.3 k
Ω
1%


Similar Part No. - DI-43

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-40 POWERINT-DI-40 Datasheet
57Kb / 2P
2.5 V, 20 W DC-DC Converter with Synchronous Rectification
DI-41 POWERINT-DI-41 Datasheet
68Kb / 2P
43 W, 100/115 VAC Multi-output Set-top Box Power Supply
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
Non-isolated Flyback (Buck/Boost) Converter
More results

Similar Description - DI-43

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-27 POWERINT-DI-27 Datasheet
51Kb / 2P
3 W AC Adapter: <10 mW No-load Consumption
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-33 POWERINT-DI-33 Datasheet
59Kb / 2P
Wide Range DVD Supply: <50 mW No-load Consumption
DI-39 POWERINT-DI-39 Datasheet
499Kb / 2P
13 W, Universal Input DVD Supply with 70 mW No-load
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com