Electronic Components Datasheet Search
  English  ▼

X  

DI-51 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-51
Description  5 W Flyback DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-51 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-51 Datasheet HTML 1Page - Power Integrations, Inc. DI-51 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
7/03
DI-51
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2659-4570
Fax:
+886-2-2659-4550
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Table 1. Transformer Construction Information.
Figure 2. Efficiency vs. Output Power.
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any license
under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the products and
transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent
applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert and DPA-Switch are trademarks of Power Integrations, Inc. ©Copyright 2003, Power Integrations, Inc.
Key Design Points
• For the nominal under-voltage set point V
UV:
R1 = (V
UV – 2.35) / 50 µA
V
OV = (R1 x 135 µA) + 2.5 V
• For highest efficiency designs: use continuous conduction
mode operation designed at approximately 0.4 K
RP;
minimize turns in the transformer while keeping AC flux
density (BM) < 3000 Gauss; fully fill a single layer for each
winding to minimize leakage inductance and maximize
copper fill factor; use a Schottky rectifying diode (D2) with
a low forward drop (in this case, the SL23 diode has a
V
f = 0.320 V at 125 °C/2A).
• Resistor R3: the PIXls spreadsheet calculates the peak
current (IP) of the power supply. Resistor R3 is chosen to
set the internal current limit 10% to 15% above the calculated
IP value. This limits overload power (worst case is at high
input line).
• Set resonant frequency of post-filter (L2, C12) beyond
crossover frequency (typically 5% to 10% of switching
frequency).
• For main secondary current loop from transformer pin 8 to
diode D2 and capacitors C10, C11 and back to pin 6 of the
transformer: ensure identical path length for C10 and C11
to guarantee they equally share the ripple current.
• Due to the very tight size constraints on this power supply,
the drain voltage traces should be kept as short as possible
and where possible, shielded by surrounding them with
source potential traces. This will prevent noise coupling to
the low-voltage signal pins of the DPA-Switch.
TRANSFORMER PARAMETERS
Core Material
Bobbin
EDF-10 8 pin
(or equivalent)
Winding Order
(pin numbers)
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
EFD-10
Ferroxcube 3F3
AL of 100 nH/T
2
1/2 Primary (1-FL), Tape, Bias
(4-3), 5 V (5-8),
Tape, 1/2 Primary (FL-2), Tape
4.7 MHz (minimum)
174 µH ± 10%
1.0 µH (minimum)
13
4
25
Pout (W)
80
79
76
78
77
75
81
82
83
85
84
36 VDC
48 VDC
72 VDC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com